Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L40S-33MA2A Datasheet(PDF) 5 Page - SICK AG

Part # L40S-33MA2A
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

L40S-33MA2A Datasheet(HTML) 5 Page - SICK AG

  L40S-33MA2A Datasheet HTML 1Page - SICK AG L40S-33MA2A Datasheet HTML 2Page - SICK AG L40S-33MA2A Datasheet HTML 3Page - SICK AG L40S-33MA2A Datasheet HTML 4Page - SICK AG L40S-33MA2A Datasheet HTML 5Page - SICK AG L40S-33MA2A Datasheet HTML 6Page - SICK AG L40S-33MA2A Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
L40S-33MA2A, L40E-33MA2A | L4000 Systems
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Possible faults
OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The incorrect functioning of the UE10
will be detected and will not result in the loss of the shutdown function. Jamming of the S1 button prevents output circuit to enable.
Comments
1) PELV as required in EN 60204-1 / 6.4
The related operating instructions for the integrated devices must be observed!
Recommended accessories
Other models and accessories
www.sick.com/L4000_Systems
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket for M30 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M30
5308445
Switching amplifiers
UE401 evaluation unit
UE401-A0010
6027343
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-W05M
6009867
Head A: female connector, M12, 4-pin, straight
Head B: -
Cable: unshielded
DOS-1204-G
6007302
Head A: female connector, M12, 4-pin, angled
Head B: -
Cable: unshielded
DOS-1204-W
6007303
Alignment aids
Laser alignment aid for various sensors, laser class 2 (IEC 60825). Do not look into
the beam!
AR60
1015741
Adapter AR60 for M30 sensors (L4000 Systems, L41 and L21)
AR60 adapter,
M30 sensors
5311529
Deflector mirrors
Horizontal deflection, 75 mm x 80 mm reflector surface, Glass, Incl. mounting kit (2 x
swivel mount)
PNS75-008
1026647
Horizontal deflection, 96 mm x 124 mm reflector surface, Glass
PSK1
1005229
2017-09-01 12:26:26 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
5


Similar Part No. - L40S-33MA2A

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40S-11MA1A SICK-L40S-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40S-21KA1A SICK-L40S-21KA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L40S-21MA1A SICK-L40S-21MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results

Similar Description - L40S-33MA2A

ManufacturerPart #DatasheetDescription
logo
SICK AG
L40E-11MA1A SICK-L40E-11MA1A Datasheet
1Mb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P3730 SICK-L27E-3P3730 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2450 SICK-L27E-3P2450 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA2A SICK-L21E-21KA2A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21KA1A SICK-L21E-21KA1A Datasheet
1,004Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L21E-21MA2A SICK-L21E-21MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L29E-3P3430 SICK-L29E-3P3430 Datasheet
421Kb / 5P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L28E-3P2431 SICK-L28E-3P2431 Datasheet
992Kb / 7P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L41E-33MA2A SICK-L41E-33MA2A Datasheet
1Mb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
L27E-3P2430 SICK-L27E-3P2430 Datasheet
1,003Kb / 6P
   SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com