Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1944 Datasheet(PDF) 10 Page - PerkinElmer Optoelectronics

Part # C1944
Description  Channel Photomultipliers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C1944 Datasheet(HTML) 10 Page - PerkinElmer Optoelectronics

Back Button C1944 Datasheet HTML 3Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 4Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 5Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 6Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 7Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 8Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 9Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 10Page - PerkinElmer Optoelectronics C1944 Datasheet HTML 11Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CPM C1900 Series
3/4” CPM Channel Photomultipliers
Spectral response
0.1
1
10
10 0
10 0
200
300
400
50 0
600
70 0
800
900
Wavelength (nm )
C 19 11
C 1942
C 1962
C 1921
C 19 52
C 19 72
C 1943
C 19 73
C 1983
C 1982
C 1322
C 1944
CPM C1900 Performance Specifications
Current Am plification
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1000
1500
2000
2500
3000
Bias Voltage (V)
Dark Current
1,E-12
1,E-11
1,E-10
1,E-09
1,E-08
1,E-07
1,E-06
1,E-05
1000
1500
2000
2500
3000
Bias voltage (V)
C 1972
C 1942
C 1911
C 1922
C 1962
C1952
C 1982
Equivalent Noise Input
1E-18
1E-17
1E-16
1E-15
1E-14
100
300
500
700
900
W avelength (nm )
C 1911C 1922
C 1942
C 1952
C 1962
C 1972
C 1982
Typical Photo Electron Spectrum
0
500
1000
1500
2000
0
50
100
150
200
250
300
Channel
CPM
CAUTION: High Voltage Warning!
This product is operated at high voltage. Extreme care must be taken to ensure operator safety and to avoid
damage to other instruments. Avoid direct contact with the photomultiplier when high voltage is applied. Avoid
placing conductive material close to the cathode.
All given values are nominal/typical @ 20 °C ambient temperature; specifications subject to change without
notice.


Similar Part No. - C1944

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
C1945 MITSUBISHI-C1945 Datasheet
132Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on HF band Mobile radio applications)?
C1946A MITSUBISHI-C1946A Datasheet
135Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)?
C1947 MITSUBISHI-C1947 Datasheet
126Kb / 3P
   NPN EPITAXIAL PLANAR TYPE(for industrial use RF power amplifiers on VHF band Mobile radio applications)?
logo
HK TO-GRACE TECHNOLOGY ...
C194KFKT TO-GRACE-C194KFKT Datasheet
783Kb / 12P
   Meet ROHS, Green Product.
C194KGKT TO-GRACE-C194KGKT Datasheet
782Kb / 12P
   Meet ROHS, Green Product.
More results

Similar Description - C1944

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
logo
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
logo
ON Semiconductor
MICROC ONSEMI-MICROC Datasheet
1Mb / 16P
   Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
November, 2018 ??Rev. 6
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
logo
Jiangsu Changjiang Elec...
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
   N Channel P Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
   N channelP Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com