Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB15024S24 Datasheet(PDF) 3 Page - XP Power Limited

Part # QSB15024S24
Description  75350 Watts QSB Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB15024S24 Datasheet(HTML) 3 Page - XP Power Limited

  QSB15024S24 Datasheet HTML 1Page - XP Power Limited QSB15024S24 Datasheet HTML 2Page - XP Power Limited QSB15024S24 Datasheet HTML 3Page - XP Power Limited QSB15024S24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QSB150 350
Models & Ratings
Input Voltage
Output Voltage
Output Current
Input Current(4)
Efficiency
Model Number(3)
No Load
Full Load
9-36 VDC
(24 V nominal)
3.3 V
30.00 A
200 mA
4.75 A
87.0%
QSB15024S3V3
5.0 V
30.00 A
200 mA
7.19 A
87.0%
QSB15024S05
12.0 V
12.50 A
100 mA
7.10 A
88.0%
QSB15024S12
15.0 V
10.00 A
100 mA
7.19 A
87.0%
QSB15024S15
24.0 V
6.50 A
100 mA
7.34 A
88.0%
QSB15024S24
18-75 VDC
(48 V nominal)
3.3 V
30.00 A
100 mA
2.34 A
88.0%
QSB15048S3V3
5.0 V
30.00 A
100 mA
3.47 A
90.0%
QSB15048S05
12.0 V
12.50 A
50 mA
3.44 A
91.0%
QSB15048S12
15.0 V
10.00 A
50 mA
3.47 A
90.0%
QSB15048S15
24.0 V
6.50 A
50 mA
3.61 A
90.0%
QSB15048S24
10-36 VDC
(24 V nominal)
3.3 V
50.00 A
150 mA
7.90 A
87.0%
QSB20024S3V3
5.0 V
40.00 A
150 mA
9.58 A
87.0%
QSB20024S05
12.0 V
16.70 A
100 mA
9.71 A
86.0%
QSB20024S12
15.0 V
13.30 A
100 mA
9.67 A
86.0%
QSB20024S15
24.0 V
8.30 A
100 mA
9.54 A
87.0%
QSB20024S24
18-75 VDC
(48 V nominal)
3.3 V
40.00 A
80 mA
3.13 A
88.0%
QSB20048S3V3
5.0 V
40.00 A
80 mA
4.69 A
89.0%
QSB20048S05
12.0 V
16.70 A
60 mA
4.74 A
88.0%
QSB20048S12
15.0 V
13.30 A
60 mA
4.72 A
88.0%
QSB20048S15
24.0 V
8.30 A
60 mA
7.72 A
88.0%
QSB20048S24
18-36 VDC
(24 V nominal)
3.3 V
70.0 A
130 mA
10.94 A
88.0 %
QSB35024S3V3
5.0 V
70.0 A
250 mA
16.29 A
89.5 %
QSB35024S05
12.0 V
29.2 A
220 mA
15.96 A
91.5%
QSB35024S12
24.0 V
14.6 A
40 mA
16.22 A
90.0%
QSB35024S24
28.0 V
12.5 A
50 mA
16.03 A
91.0%
QSB35024S28(5)
48.0 V
7.3 A
60 mA
16.22 A
90.0%
QSB35024S48(5)
36-75 VDC
(48 V nominal)
3.3 V
70.0 A
80 mA
5.41 A
89.0%
QSB35048S3V3
5.0 V
70.0 A
120 mA
8.01 A
91.0%
QSB35048S05
12.0 V
29.2 A
100 mA
7.89 A
92.5%
QSB35048S12
24.0 V
14.6 A
40 mA
7.98 A
91.5%
QSB35048S24
28.0 V
12.5 A
30 mA
7.88 A
92.5%
QSB35048S28(5)
48.0 V
7.3 A
60 mA
7.93 A
92.0%
QSB35048S48(5)
Notes
Notes
1. Ripple & noise is measured with a 10 µF tantalum capacitor and 1.0 µF ceramic
capacitor across output.
2. Logic compatibility: Ref to -ve input. Module On = open circuit.
Module Off = <0.8 VDC.
3. Add suffix ‘N’ to the model number to receive the unit with negative logic
Remote On/Off.
4. Input current specified at 24 V for 10-36 VDC models and 48 V for
18-75 VDC models.
5. Add an external capacitor of 100 µF minimum to maintain specified regulation.
BOTTOM VIEW
(48.3)
1.90
2.28
(57.9)
1.14
(29.0)
1.20
(30.5)
1.40
2.00
1
0.60
(35.6)
(50.8)
(15.2)
3
2
4
Mounting hole diameter:
0.126 (3.2) clearance hole
0.18 min.
2.40
SIDE VIEW
(13.2)
0.52
9
6
7
8
5
(61.0)
(4.6)
ø 0.04
(1.02)
Pins 2,3,
6,7 & 8
ø 0.08
(2.03)
Pins 1,4,
5 & 9
PIN CONNECTIONS
Pin
Function
1
+Vin
2
Remote On/Off
3
Case
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
1. Dimensions are in inches (mm)
2. Tolerances: X.XX = ±0.02 (X.X = ±0.5)
X.XXX = ±0.01 (X.XX = ±0.25)
3. Weight: 0.25 lbs (114 g) approx
Mechanical Details


Similar Part No. - QSB15024S24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB15048W XPPOWER-QSB15048W Datasheet
701Kb / 5P
   DC-DC Converter
QSB15048WS12 XPPOWER-QSB15048WS12 Datasheet
701Kb / 5P
   DC-DC Converter
QSB15048WS15 XPPOWER-QSB15048WS15 Datasheet
701Kb / 5P
   DC-DC Converter
QSB15048WS24 XPPOWER-QSB15048WS24 Datasheet
701Kb / 5P
   DC-DC Converter
QSB15048WS28 XPPOWER-QSB15048WS28 Datasheet
701Kb / 5P
   DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com