Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB30048S28 Datasheet(PDF) 2 Page - XP Power Limited

Part # QSB30048S28
Description  Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB30048S28 Datasheet(HTML) 2 Page - XP Power Limited

  QSB30048S28 Datasheet HTML 1Page - XP Power Limited QSB30048S28 Datasheet HTML 2Page - XP Power Limited QSB30048S28 Datasheet HTML 3Page - XP Power Limited QSB30048S28 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BOTTOM VIEW
(48.3)
1.90
2.28
(57.9)
1.14
(29.0)
1.20
(30.5)
1.40
2.00
1
0.60
(35.6)
(50.8)
(15.2)
3
2
4
Mounting hole diameter:
0.126 (3.2) clearance hole
0.18 min.
2.40
SIDE VIEW
(13.2)
0.52
9
6
7
8
5
(61.0)
(4.6)
ø 0.04
(1.02)
Pins 2,3,
6,7 & 8
ø 0.08
(2.03)
Pins 1,4,
5 & 9
PIN CONNECTIONS
Pin
Function
1
+Vin
2
Remote On/Off
3
Case
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
1. All dimensions are in inches (mm)
2. Weight: 0.57 lbs (260 g) approx
3. Tolerances: X.XX = ±0.02 (X.X = ±0.5)
X.XXX = ±0.01 (X.XX = ±0.25)
Notes
1. Output Ripple and Noise measured with 10 µF tantalum and 1 µF ceramic
capacitor across output.
2. Add suffix ‘N’ to the model number to receive the unit with negative logic
Remote On/Off.
3. Minimum of 220 µF required on input.
4. Measured at nominal input voltage.
5. Peak Current is for max duration of 3s with 10% duty cycle. Average output
power not to exceed 300W.
6. 48 V output models require minimum 220 µF capacitor across output rails to
maintain regulation.
Models & Ratings
QSB300
Output Voltage Adjustment
Input Voltage
Output Voltage
Output Current
Input Current
Efficiency(4)
Max. Capacitive
Load
Model Number(2)
Nom.
Peak(5)
No Load
Full Load
9-36 V
5.0 V
60.0 A
70.00 A
200 mA
14.21 A
88.0%
10000 µF
QSB30024S05
12.0 V
25.0 A
29.16 A
200 mA
13.89 A
90.0%
10000 µF
QSB30024S12
24.0 V
12.5 A
14.58 A
100 mA
14.21 A
88.0%
4700 µF
QSB30024S24
28.0 V
10.7 A
12.50 A
100 mA
14.11 A
88.0%
4700 µF
QSB30024S28
48.0 V
6.25 A
7.29 A
100 mA
14.37 A
87.0%
2200 µF
QSB30024S48(6)
18-75 V
5.0 V
60.0 A
70.00 A
100 mA
6.94 A
90.0%
10000 µF
QSB30048S05
12.0 V
25.0 A
29.16 A
100 mA
6.94 A
90.0%
10000 µF
QSB30048S12
24.0 V
12.5 A
14.58 A
80 mA
6.98 A
89.0%
4700 µF
QSB30048S24
28.0 V
10.7 A
12.50 A
80 mA
6.94 A
90.0%
4700 µF
QSB30048S28
48.0 V
6.25 A
7.29 A
80 mA
7.02 A
89.0%
2200 µF
QSB30048S48(6)
Mechanical Details
Notes
The Trim input permits the user to adjust the output voltage up or
down according to the trim range specification (90% to 110% of
nominal output). This is accomplished by connecting an external
resistor between the +Vout and +Sense pin for trim up and between
the TRIM and -Sense pin for trim down, see figure:
Load
+Vin
+
-Vin
+S
+Vout
-Vout
-S
TRIM
C2
Rv
Rt
C1
+
Vin
+
-
The Trim pin should be left open if trimming is not being used. The
output voltage can be determined by the following equations:
Rt x 33
Rt + 33
1.24 x
Vf =
Rt x 33
Rt + 33
7.68 +
( Vnom + Rv ) x Vf
Vout =
Rv =
Vout
Vf
- Vnom
Recommended Value of Rt is 6.8k
Ω,thereforeVf=0.525
Examples:
1. To trim 12 V unit up by 10%
- 12 = 13.145kΩ
Rv =
13.2
0.525
2. To trim 24 V unit down by 10%
- 24 = 17.14kΩ
Rv =
19.2
0.525


Similar Part No. - QSB30048S28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB30048S28 XPPOWER-QSB30048S28 Datasheet
148Kb / 4P
   Wide Input Range
More results

Similar Description - QSB30048S28

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
   Wide Range Input
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
   5W WIDE INPUT RANGE
2010/07/01
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
logo
DIWELL Electronics Co.,...
KQWS DIWELL-KQWS Datasheet
1Mb / 7P
   40W WIDE INPUT RANGE
2016/03/11
PCW DIWELL-PCW Datasheet
801Kb / 5P
   5W WIDE INPUT RANGE
2015/01/23
logo
MORNSUN Science& Techno...
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com