Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC05-12SK Datasheet(PDF) 1 Page - Recom International Power

Part # RAC05-12SK
Description  AC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-12SK Datasheet(HTML) 1 Page - Recom International Power

  RAC05-12SK Datasheet HTML 1Page - Recom International Power RAC05-12SK Datasheet HTML 2Page - Recom International Power RAC05-12SK Datasheet HTML 3Page - Recom International Power RAC05-12SK Datasheet HTML 4Page - Recom International Power RAC05-12SK Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PA-1
REV.: 1/2017
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured @ ta= 25°C, nominal input voltage (115/230VAC), full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi Type
Input Voltage Range (2)
(refer to line derating graph on PA-3)
85VAC
120VDC
264VAC
370VDC
Input Current
115VAC
230VAC
250mA
100mA
Inrush Current
cold start
115VAC
230VAC
15A
30A
No load Power Consumption
264VAC
75mW
Input Frequency Range
47Hz
63Hz
Start-up Time
2s
Rise Time
25ms
Hold-up time
115VAC
230VAC
12ms
60ms
Minimum Load
0%
Internal Operating Frequency
130kHz
Output Ripple and Noise
20MHz BW
3.3Vout, 5Vout
others
60mVp-p
1% of Vout
Power Factor
115VAC
230VAC
0.6
0.45
continued on next page
Description
The RAC05-K series are ultra-compact AC/DC power supply modules in lightweight fully-encapsulated
plastic casing. Beside safety approvals for industrial and IT solutions UL60950-1 and UL62368-1, the
units meet EN55032-“B“ limits without any external components. Integrated fusing as well as electrical
protections against short circuit and over voltage are on board. With their excellent efficiency over the
entire load range including light load standby conditions, these power modules are especially suitable
for IOT applications and control equipment.
Features
Regulated
Converters
• 5W Class
II Power Supply in Compact 1“ x 1“ Package
(High Power Density)
• Internal EMC Class B Filter
• UL/IEC/EN60950-1 certified
• UL/IEC/EN62368-1 certified
• Electrical Protection
• Operating Temperature Range: -25°C to +50°C @ Full Load
5 Watt
1“ x 1“
Single Output
RAC05-K
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ. (1)
Load
[VAC]
[VDC]
[mA]
[%]
[µF]
RAC05-3.3SK
85-264
3.3
1515
76
6000
RAC05-05SK
85-264
5
1000
80
6000
RAC05-12SK
85-264
12
416
81
1500
RAC05-15SK
85-264
15
333
82
1000
RAC05-24SK
85-264
24
210
84
330
UL/IEC/EN62368-1 certified
UL/IEC/EN60950-1 certfied
CSA C22.2 No. 60950-1-07 certified
CSA C22.2 No. 62368-1-14 certified
EN61204-3
CB Report
E224736
Notes:
Note1: Efficiency is tested at 25°C with constant resistant mode at full load and 115VAC
Notes:
Note2: The products were submitted for safety files at AC-Input operation.
Model Numbering
Single Output
Output Voltage
RAC05-__SK


Similar Part No. - RAC05-12SK

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-12SK/277 RECOM-RAC05-12SK/277 Datasheet
4Mb / 7P
   5 Watt Single Output
RAC05-12SK/480 RECOM-RAC05-12SK/480 Datasheet
1Mb / 6P
   5 Watt Single Output
RAC05-12SK/C14 RECOM-RAC05-12SK/C14 Datasheet
1Mb / 6P
   5 Watt Single Output
RAC05-12SK/C14 RECOM-RAC05-12SK/C14 Datasheet
1Mb / 6P
   5 Watt Single Output
More results

Similar Description - RAC05-12SK

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com