Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C16T20F Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # C16T20F
Description  Low Forward Voltage Drop Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

C16T20F Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  C16T20F Datasheet HTML 1Page - Nihon Inter Electronics Corporation C16T20F Datasheet HTML 2Page - Nihon Inter Electronics Corporation C16T20F Datasheet HTML 3Page - Nihon Inter Electronics Corporation C16T20F Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FORWARD CURRENT VS. VOLTAGE
C16T20F/C16T20F-11A (per Arm)
0
0.4
0.8
1.2
1.6
2.0
2.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
100
10ms Sine Wave Single Pulse
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
4
8
12
16
AVERAGE FORWARD CURRENT (A)
0
4
8
12
16
20
C16T20F/C16T20F-11A (Total)
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°


Similar Part No. - C16T20F

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C16T20F-11A NIEC-C16T20F-11A Datasheet
51Kb / 4P
   Low Forward Voltage Drop Diode
logo
National Instruments Co...
C16T20F-11A NI-C16T20F-11A_15 Datasheet
135Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
C16T20F NI-C16T20F_15 Datasheet
134Kb / 1P
   FRED
C16T20F_2015 NI-C16T20F_2015 Datasheet
134Kb / 1P
   FRED
More results

Similar Description - C16T20F

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
11ES4 NIEC-11ES4 Datasheet
22Kb / 2P
   Low Forward Voltage Drop Diode
FCF16A60 NIEC-FCF16A60 Datasheet
30Kb / 2P
   Low Forward Voltage Drop Diode
EA60QC04-F NIEC-EA60QC04-F Datasheet
32Kb / 2P
   Low Forward Voltage drop Diode
NSD03A10 NIEC-NSD03A10 Datasheet
40Kb / 5P
   Low Forward Voltage Drop Diode
11EQS03L NIEC-11EQS03L Datasheet
24Kb / 2P
   Low Forward Voltage drop Diode
GSF10A20B NIEC-GSF10A20B Datasheet
31Kb / 2P
   Low Forward Voltage drop Diode
11EQ09 NIEC-11EQ09 Datasheet
40Kb / 6P
   Low Forward Voltage drop Diode
20NFA60 NIEC-20NFA60 Datasheet
48Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com