Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB15048W Datasheet(PDF) 2 Page - XP Power Limited

Part # QSB15048W
Description  DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB15048W Datasheet(HTML) 2 Page - XP Power Limited

  QSB15048W Datasheet HTML 1Page - XP Power Limited QSB15048W Datasheet HTML 2Page - XP Power Limited QSB15048W Datasheet HTML 3Page - XP Power Limited QSB15048W Datasheet HTML 4Page - XP Power Limited QSB15048W Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QSB15048W Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Output Trim
±10
%
See Application Note (28 Vout at 9-13 Vin Trim: +0/-10%)
Initial Set Accuracy
±1.5
%
At full load and 36 V input
Minimum Load
0%
No minimum load required
Line Regulation
±0.2
%
From minimum to maximum input at full load
Load Regulation
±0.2
%
From 0% to full load for single/dual output
Transient Response
±5.0
%
Maximum deviation, recovering to less than 1% in
500 µs for 25% step load change. For 5V output, add
1000 µF cap, for others add 100 µF
Start Up Time
100
150
ms
Output Voltage Rise Time
30
50
ms
Ripple & Noise
mV pk-pk
See models and ratings table
Overload Protection
105
160
200
%
Short Circuit Protection
Continuous hiccup mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.03
%/ ˚C
Overvoltage Protection
115
140
%
Remote On/Off
Output is on if remote on/off (pin 2) is open or high (3.5-75 VDC)
Output turns off if remote on/off (pin 2) is low (<1.2 VDC max)
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
75
VDC
Input Surge
100
VDC for 100 ms
Undervoltage Lockout
On: >8.5 V
9.0
9.5
VDC
On
Off: <7.5 V
8.0
8.5
Off
Lockout Hysteresis
1.0
VDC
Idle Current
12
18
mA
When output is remotely turned off
Inrush Current
1A2s
Recommended Input Fuse
30
A
Fact acting type
Input Reflected Ripple Current
50
mA pk-pk
Through 10 µH inductor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
90
%
See Models and Ratings table
Isolation: Input to Output
1500
VDC
60 s
Isolation: Input and output to Case
1500
VDC
60 s
Switching Frequency
200
kHz
Isolation Resistance
109
Ω
Isolation Capacitance
3500
pF
12 & 15 V
2500
24, 28 & 48 V
Power Density
54
W/in3
Mean Time Between Failure
500
kHrs
12 & 15 V MIL-HDBK-217F, +25 °C GB
800
24, 28 & 47 V MIL-HDBK-217F, +25 °C GB
Weight
0.24 (109.0)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Base Plate Temperature
-40
+100
°C
Storage Temperature
-55
+105
°C
Thermal Protection
+110
°C
Humidity
95
%RH
Non-condensing
Cooling
Base plate cooled


Similar Part No. - QSB15048W

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB15048S05 XPPOWER-QSB15048S05 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S12 XPPOWER-QSB15048S12 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S15 XPPOWER-QSB15048S15 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S24 XPPOWER-QSB15048S24 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S3V3 XPPOWER-QSB15048S3V3 Datasheet
368Kb / 4P
   75350 Watts QSB Series
More results

Similar Description - QSB15048W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com