Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB15048W Datasheet(PDF) 5 Page - XP Power Limited

Part # QSB15048W
Description  DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB15048W Datasheet(HTML) 5 Page - XP Power Limited

  QSB15048W Datasheet HTML 1Page - XP Power Limited QSB15048W Datasheet HTML 2Page - XP Power Limited QSB15048W Datasheet HTML 3Page - XP Power Limited QSB15048W Datasheet HTML 4Page - XP Power Limited QSB15048W Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
QSB15048W Series
www.xppower.com
DC-DC Converter
Output Voltage Adjustment Examples
Thermal Resistance Information
Example (Without Heatsink)
As an example, to trim-down the output voltage of 24 V module
(QS15048WS24) by 5% to 22.8 V, Rd resistor is calculated as follows: Δ%=5%
And, to trim-up the output voltage of 24 V module
(QS15048WS24) by 5% to 25.2 V, Ru resistor is calculated as follows: Δ%=5%
To determine the minimum airflow necessary for a QS15048WS24 operating at an input voltage of 36 V, an output current of 6.25 A, and a maximum
ambient temperature of 30°C:
Determine Power dissipation (Pd):
Pd = Pi-Po = Po(1-
η)/η,
Pd =24 V× 6.25 A×(1-0.895)/0.895=17.6Watts
Where Pi = Input power, Po = Output Power and
η=Efficiency
Determine airflow from airflow derating graph using data points for Pd=19.5 W and Ta = 30 °C
Minimum airflow= 400 ft./min.
To check that the maximum case temp of 100 °C is not exceeded:
Maximum temperature rise is
ΔT = Pd × Rca=17.6×3.64=64°C.
Maximum case temperature is
Tc=Ta+ΔT=94°C <100°C.
Where: Rca is the thermal resistance from case to ambient environment. Ta is ambient temperature and Tc is case temperature.
Note: C1, C2 NICHICON PW series aluminum capacitors, CY1, CY2
are ceramic capacitors, L1 Core use SM CM20*12*10 Winding 5 turns
(double wire).
Power Dissipated vs Ambient Temperature and Air Flow
Ambient Temperature ,Ta(Deg. C)
Natural Convection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
500 ft./min. (2.5 m/s)
600 ft./min. (3.0 m/s)
700 ft./min. (3.5 m/s)
800 ft./min. (4.0 m/s)
Air Flow Rate
Typical Rca
Natural Convection 20 ft/min (0.1 m/s)
7.12 °C/W
100 ft/min (0.5 m/s)
6.21 °C/W
200 ft/min (1.0 m/s)
5.17 °C/W
300 ft/min (1.5 m/s)
4.29 °C/W
400 ft/min (2.0 m/s)
3.64 °C/W
500 ft/min (2.5 m/s)
2.96 °C/W
600 ft/min (2.5 m/s)
2.53 °C/W
700 ft/min (2.5 m/s)
2.37 °C/W
800 ft/min (2.5 m/s)
2.19 °C/W
Model Number
C1
C2
CY1
CY2
L1
L2
QSB15048WS12 220 µF/100 V 220 µF/100 V 1500 pF 1500 pF 0.2 mH Short
QSB15048WS15 220 µF/100 V 220 µF/100 V 1500 pF 1500 pF 0.2 mH Short
QSB15048WS24 220 µF/100 V 220 µF/100 V 1500 pF 1500 pF 0.2 mH Short
QSB15048WS28 220 µF/100 V 220 µF/100 V 1500 pF 1500 pF 0.2 mH Short
QSB15048WS48 220 µF/100 V 220 µF/100 V 1500 pF 1500 pF 0.2 mH Short
10 Oct 17
Airflow Derating Graph
Conducted Emissions
C2
C4
L1
L2
+Vin
QSB
-Vin
+Vout
-Vout
CY2
CY1
C1
+Vin
-Vin
Load
- 100 kΩ
RD
RD
(24 - 5% x 24 - 2.5)
20x
=
5% x 24
= 238.3 kΩ
RU = 29.1 kΩ
RU
(2.5
0.46 x 100
100 + 5.6
-
-
20x
=
5% x 24
5.6 x 100
100 + 5.6
k


Similar Part No. - QSB15048W

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB15048S05 XPPOWER-QSB15048S05 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S12 XPPOWER-QSB15048S12 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S15 XPPOWER-QSB15048S15 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S24 XPPOWER-QSB15048S24 Datasheet
368Kb / 4P
   75350 Watts QSB Series
QSB15048S3V3 XPPOWER-QSB15048S3V3 Datasheet
368Kb / 4P
   75350 Watts QSB Series
More results

Similar Description - QSB15048W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com