Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSB300 Datasheet(PDF) 4 Page - XP Power Limited

Part # QSB300
Description  Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSB300 Datasheet(HTML) 4 Page - XP Power Limited

  QSB300 Datasheet HTML 1Page - XP Power Limited QSB300 Datasheet HTML 2Page - XP Power Limited QSB300 Datasheet HTML 3Page - XP Power Limited QSB300 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermal Resistance Information
Air Flow Rate
Typical Rca
Natural Convection
20 ft. / min (0.1 ms)
7.12 °C/W
100 ft./min (0.5 ms)
6.21 °C/W
200 ft./min (1.0 ms)
5.17 °C/W
300 ft./min (1.5 ms)
4.29 °C/W
400 ft./min (2.0 ms)
3.64 °C/W
500 ft./min (2.5 ms)
2.96 °C/W
600 ft./min (3.0 ms)
2.53 °C/W
700 ft./min (3.5 ms)
2.37 °C/W
800 ft./min (4.0 ms)
2.19 °C/W
Rca = Thermal resistance from case to ambient
Derating Curve
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Natural Convection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
500 ft./min. (2.5 m/s)
600 ft./min. (3.0 m/s)
700 ft./min. (3.5 m/s)
800 ft./min. (4.0 m/s)
Ambient Temperature ,T (
°C)
Maximum Power Dissipation vs Ambient Temperature and Air Flow without heatsink
a
27-Feb-14
Application Notes
QSB300
Example
1.Calculate power dissipated
= [Power in – Power out] = [(5V*45A)/90% efficiency – 5V*45A] = 25 W
2.Use de-rating curve to establish airflow
Using 25 W dissipated power and 35 °C ambient, airflow is 600 ft/min
(3.0 m/s)
3.Use table to establish typical thermal resistance Rca
Airflow of 600ft/min gives typical Rca of 2.53 °C/W
4.Check that airflow is adequate to limit case temperature to 100 °C
maximum
Case temperature = Temperature rise + Ambient temperature
Temperature rise = Power dissipated * Typical thermal resistance Rca
= 25 W* 2.53 °C/W = 63.25 °C
Case temperature = 63.25 °C + 35 °C = 98.25 °C i.e. <100 °C
Air Flow Rate
Typical Rca
Natural Convection
20 ft. / min (0.1 ms)
3.00 °C/W
100 ft./min (0.5 ms)
1.44 °C/W
200 ft./min (1.0 ms)
1.17 °C/W
300 ft./min (1.5 ms)
1.04 °C/W
400 ft./min (2.0 ms)
0.95 °C/W
Power Dissipated vs Ambient Temperature and Air Flow with XP part ‘ICH HEATSINK’
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature, Ta (°C)
Natural C onvection
20 ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
a
Example
1.Calculate power dissipated
= [Power in – Power out] = [(12V*20A)/90% efficiency – 12V*20A]
= 26.27 W
2.Use de-rating curve to establish airflow
Using 26.27 W dissipated power and 65 °C ambient, airflow is
200 ft/min (1.0 m/s)
3.Use table to establish typical thermal resistance Rca
Airflow if 200 ft/min gives typical Rca of 1.17 °C/W
4.Check that airflow is adequate to limit case temperature to 100 °C
maximum
Case temperature = Temperature rise + Ambient temperature
Temperature rise = Power dissipated * Typical thermal resistance Rca
= 26.67 W* 1.17 °C/W = 31.2 °C
Case temperature = 31.2 °C + 65 °C = 96.2 °C i.e. <100 °C
Airflow required for QSB30048S05 at 45A output current and 35°C ambient
Airflow required for QSB30048S12 at 20A output current and 65 °C ambient


Similar Part No. - QSB300

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
QSB30024S12 XPPOWER-QSB30024S12 Datasheet
148Kb / 4P
   Wide Input Range
QSB30024S24 XPPOWER-QSB30024S24 Datasheet
148Kb / 4P
   Wide Input Range
QSB30024S28 XPPOWER-QSB30024S28 Datasheet
148Kb / 4P
   Wide Input Range
QSB30024S48 XPPOWER-QSB30024S48 Datasheet
148Kb / 4P
   Wide Input Range
More results

Similar Description - QSB300

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
   Wide Range Input
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
DIWELL Electronics Co.,...
KAW-EL DIWELL-KAW-EL Datasheet
568Kb / 6P
   30W WIDE INPUT RANGE
2016/08/24
LW-SERIES DIWELL-LW-SERIES Datasheet
190Kb / 9P
   5W WIDE INPUT RANGE
2010/07/01
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
logo
DIWELL Electronics Co.,...
KQWS DIWELL-KQWS Datasheet
1Mb / 7P
   40W WIDE INPUT RANGE
2016/03/11
PCW DIWELL-PCW Datasheet
801Kb / 5P
   5W WIDE INPUT RANGE
2015/01/23
logo
MORNSUN Science& Techno...
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com