Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2016AI Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV2016AI
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2016AI Datasheet(HTML) 8 Page - Brilliance Semiconductor

  BS616LV2016AI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2016AI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Revision 1.1
Jan.
2004
8
R0201-BS616LV2016
ORDERING INFORMATION
BSI
BS616LV2016
PACKAGE DIMENSIONS
48 mini-BGA (6 x 8)
D1
VIEW A
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
BALL PITCH e = 0.75
D
8.0
6.0
EN
48
3.75
E1
D1
5.25
NOTES:
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
BS616LV2016 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
55: 55ns
70: 70ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free
PACKAGE
E: TSOP2-44
A: BGA-48-0608
D: DICE


Similar Part No. - BS616LV2016AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016AIG55 BSI-BS616LV2016AIG55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016AIG70 BSI-BS616LV2016AIG70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016AIP55 BSI-BS616LV2016AIP55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016AIP70 BSI-BS616LV2016AIP70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2016AI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com