Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV2016DI Datasheet(PDF) 5 Page - Brilliance Semiconductor

Part # BS616LV2016DI
Description  Very Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2016DI Datasheet(HTML) 5 Page - Brilliance Semiconductor

  BS616LV2016DI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2016DI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Revision 1.1
Jan.
2004
5
R0201-BS616LV2016
BSI
BS616LV2016
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t RC
t OH
t AA
D
OUT
ADDRESS
t OH
NOTES:
1. WE is high for read Cycle.
2. Device is continuously selected when CE = VIL
.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL
.
5. The parameter is guaranteed but not 100% tested.
t OH
READ CYCLE3 (1,4)
t RC
t OE
D
OUT
LB,UB
CE
OE
ADDRESS
t CLZ
(5) t
ACS
t CHZ(1,5)
t OHZ (5)
t OLZ
t AA
READ CYCLE2 (1,3,4)
t CLZ
t CHZ
(5)
D
OUT
LB,UB
CE
(5)
t BA
t ACS
t BE
t BDO
t BDO
t BA
t BE


Similar Part No. - BS616LV2016DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2016DIG55 BSI-BS616LV2016DIG55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016DIG70 BSI-BS616LV2016DIG70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016DIP55 BSI-BS616LV2016DIP55 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
BS616LV2016DIP70 BSI-BS616LV2016DIP70 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616LV2016DI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2017 BSI-BS616LV2017 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2011 BSI-BS616LV2011 Datasheet
237Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2019 BSI-BS616LV2019 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2010 BSI-BS616LV2010 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
logo
Brilliance Semiconducto...
BS616LV2015 BSI-BS616LV2015 Datasheet
233Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016_06 Datasheet
208Kb / 11P
   Very Low Power CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com