Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS616LV1613FC-55 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV1613FC-55
Description  Very Low Power/Voltage CMOS SRAM 1M X 16 bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV1613FC-55 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV1613FC-55 Datasheet HTML 1Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV1613FC-55 Datasheet HTML 8Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision 1.1
Jan.
2004
1
R0201-BS616LV1613
Very Low Power/Voltage CMOS SRAM
1M X 16 bit
(Dual CE Pins)
The BS616LV1613 is a high performance, very low power CMOS Static
Random Access Memory organized as 1,048,576 words by 16 bits and
operates from a range of 2.7V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 3.0uA at 3.0V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable(CE1)
, active HIGH chip enable (CE2), active LOW output enable(OE) and
three-state output drivers.
The BS616LV1613 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV1613 is available in 48-pin BGA package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS616LV1613
LB
OE
A0
A1
A2
CE2
D8
UB
A3
A4
CE1
D0
D9
D10
A5
A6
D1
D2
VSS
D11
A17
A7
D3
VCC
VCC
D12
A16
D4
VSS
D14
D13
A14
A15
D5
D6
D15
A19
.
A12
A13
WE
D7
A8
A8
A9
A10
A11
NC
1
A
B
C
D
E
F
G
H
1
23456
NC
• Vcc operation voltage : 2.7~3.6V
• Very low power consumption :
Vcc = 3.0V C-grade: 45mA (@55ns) operating current
I -grade: 46mA (@55ns) operating current
C-grade: 36mA (@70ns) operating current
I -grade: 37mA (@70ns) operating current
3.0uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3V
PKG TYPE
BS616LV1613FC
+0 O C to +70 O C
2.7V ~ 3.6V
55 / 70
10 uA
45mA
36mA
BGA-48-0912
BS616LV1613FI
-40 O C to +85 O C
2.7V ~ 3.6V
55 / 70
20 uA
46mA
37mA
BGA-48-0912
Row
Decoder
Memory Array
2048 x 8192
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Buffer
Input
Control
Vss
Vcc
OE
WE
CE1
D15
D0
A0
A13
A14
A15
A1
A2
16
16
16
16
18
512
8192
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
A4
A18
CE2
48-Ball CSP top View
BSI
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE2,CE1 and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
55ns : 3.0~3.6V
70ns : 2.7~3.6V
Vcc=3V
Vcc=3V
55ns
70ns
A19


Similar Part No. - BS616LV1613FC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611FC BSI-BS616LV1611FC Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611FC-55 BSI-BS616LV1611FC-55 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616LV1613FC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1611 BSI-BS616LV1611 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1615 BSI-BS616LV1615 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_08 Datasheet
231Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS616LV1611 BSI-BS616LV1611_06 Datasheet
164Kb / 11P
   Very Low Power CMOS SRAM 1M X 16 bit
BS62LV8005 BSI-BS62LV8005 Datasheet
218Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8001 BSI-BS62LV8001 Datasheet
265Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
List of Unclassifed Man...
STC62WV1M8 ETC1-STC62WV1M8 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
logo
Brilliance Semiconducto...
BS62LV8000 BSI-BS62LV8000 Datasheet
220Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8006 BSI-BS62LV8006 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
BS62LV8003 BSI-BS62LV8003 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com