Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSYS01 Datasheet(PDF) 6 Page - Humirel

Part # TSYS01
Description  Digital Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

TSYS01 Datasheet(HTML) 6 Page - Humirel

  TSYS01 Datasheet HTML 1Page - Humirel TSYS01 Datasheet HTML 2Page - Humirel TSYS01 Datasheet HTML 3Page - Humirel TSYS01 Datasheet HTML 4Page - Humirel TSYS01 Datasheet HTML 5Page - Humirel TSYS01 Datasheet HTML 6Page - Humirel TSYS01 Datasheet HTML 7Page - Humirel TSYS01 Datasheet HTML 8Page - Humirel TSYS01 Datasheet HTML 9Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MEAS TSYS01 DCS FOR ZedBoard
Digital Temperature Sensor
SENSOR SOLUTIONS /// MEAS TSYS01 DCS DEVELOPMENT KIT
07/2016
Page 6
Running the Console Application
The console application is intended to demonstrate the required operations when using the sensor.
a. The TSYS01 software must have an I2C address set or it may not function. Do this by selecting (1) BEFORE performing
any other options.
b. Second, after startup, it is a good idea to reset the sensor. This puts it in a known state. Do this by selecting (2) in the
console application.
c. Each sensor is tested at the factory to determine the variation of the sensor due to fabrication. Calibration coefficients are
stored in the device at that time for later use in calculating the correct output. These coefficient values must be read from
the device and stored in software variables before temperature measurements can be taken. Do this by selecting (3) in the
console application.
Now the sensor and the software are setup. These first three steps only need to be performed once at power up.
d. The console application option (4) reads the temperature once.
e. The console application option (5) reads the temperature 20 times at approximately two measurements per second and
displays them to the screen in real time.
Application Code
This section is intended to provide a basic example of functionality.
/*
* Copyright (c) 2009-2012 Xilinx, Inc.
All rights reserved.
*
* Xilinx, Inc.
* XILINX IS PROVIDING THIS DESIGN, CODE, OR INFORMATION "AS IS" AS A
* COURTESY TO YOU.
BY PROVIDING THIS DESIGN, CODE, OR INFORMATION AS
* ONE POSSIBLE
IMPLEMENTATION OF THIS FEATURE, APPLICATION OR
* STANDARD, XILINX IS MAKING NO REPRESENTATION THAT THIS IMPLEMENTATION
* IS FREE FROM ANY CLAIMS OF INFRINGEMENT, AND YOU ARE RESPONSIBLE
* FOR OBTAINING ANY RIGHTS YOU MAY REQUIRE FOR YOUR IMPLEMENTATION.
* XILINX EXPRESSLY DISCLAIMS ANY WARRANTY WHATSOEVER WITH RESPECT TO
* THE ADEQUACY OF THE IMPLEMENTATION, INCLUDING BUT NOT LIMITED TO
* ANY WARRANTIES OR REPRESENTATIONS THAT THIS IMPLEMENTATION IS FREE
* FROM CLAIMS OF INFRINGEMENT, IMPLIED WARRANTIES OF MERCHANTABILITY
* AND FITNESS FOR A PARTICULAR PURPOSE.
*
*/
/*
* MEAS_TSYS01_Main.c: Console Application for Testing the TSYS01
*
* This application configures UART 16550 to baud rate 9600.
* PS7 UART (Zynq) is not initialized by this application, since
* bootrom/bsp configures it to baud rate 115200
*
* ------------------------------------------------
* | UART TYPE
BAUD RATE
|
* ------------------------------------------------
*
uartns550
9600
*
uartlite
Configurable only in HW design
*
ps7_uart
115200 (configured by bootrom/bsp)
*/
#include <stdio.h>
#include <unistd.h>
#include "platform.h"
#include "xparameters.h"
#include "tsys01.h"
#define
XPAR_AXI_IIC_JC_BASEADDR
XPAR_IIC_0_BASEADDR
void tsys01_main_menu(void);
int main()
{
char key_input;
char prom_read_flag=0;
int i;
tsys01_status stat;
float temperature;


Similar Part No. - TSYS01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01_15 Datasheet
200Kb / 4P
   PERIPHERAL MODULE Digital Temperature Sensor
TSYS01 TEC-TSYS01_17 Datasheet
157Kb / 3P
   Digital Temperature Sensor
More results

Similar Description - TSYS01

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
   Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
   Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
   Digital Temperature Sensor
logo
ams AG
AS6221T AMSCO-AS6221T Datasheet
1Mb / 37P
   Digital Temperature Sensor
v1-00 2022-Apr-08
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01_17 Datasheet
157Kb / 3P
   Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75_14 Datasheet
1Mb / 37P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com