Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200674 Datasheet(PDF) 2 Page - SICK AG

Part # 1200674
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1200674 Datasheet(HTML) 2 Page - SICK AG

  1200674 Datasheet HTML 1Page - SICK AG 1200674 Datasheet HTML 2Page - SICK AG 1200674 Datasheet HTML 3Page - SICK AG 1200674 Datasheet HTML 4Page - SICK AG 1200674 Datasheet HTML 5Page - SICK AG 1200674 Datasheet HTML 6Page - SICK AG 1200674 Datasheet HTML 7Page - SICK AG 1200674 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-63A005AA0, M40E-63A005RA0 | M4000 Area
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender
M40S-63A005AA0
1200674
Receiver
M40E-63A005RA0
1200914
Other models and accessories
www.sick.com/M4000_Area
Detailed technical data
Features
Scanning range
0.5 m ... 19 m, configurable
Low scanning range
0.5 m ... 6 m
Great scanning range
5 m ... 19 m
Length of the monitored area
750 mm
Resolution
60 mm
Response time
17 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.4 * E-08 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Functions
Delivery status
Restart interlock
Internal
External device monitoring (EDM)
Activated
Beam coding
Uncoded
Sender test
Deactivated
Configurable scanning range
0.5 m ... 6 m
Configurable application diagnostic output
Contamination (OWS)
Safe SICK device communication via EFI
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Similar Part No. - 1200674

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200670040 MOLEX-1200670040 Datasheet
42Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight) with PNP LED Sensors, 22 AWG, TPE Cable, 1.0m (3.28) Length
01/31/2023
1200670046 MOLEX-1200670046 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023
1200670065 MOLEX-1200670065 Datasheet
22Kb / 1P
   Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (Straight) with PNP LED Sensors, 22 AWG, TPE Cable, 1.0m (3.28) Length
01/31/2023
1200670074 MOLEX-1200670074 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (90°) with PNP LED Sensors, 22 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023
1200670079 MOLEX-1200670079 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 3 Poles, Female (90°) to Male (90°) with PNP LED Sensors, 22 AWG, TPE Cable, 1.0m (3.28) Length
01/31/2023
More results

Similar Description - 1200674

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com