Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200131 Datasheet(PDF) 7 Page - SICK AG

Part # 1200131
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1200131 Datasheet(HTML) 7 Page - SICK AG

  1200131 Datasheet HTML 1Page - SICK AG 1200131 Datasheet HTML 2Page - SICK AG 1200131 Datasheet HTML 3Page - SICK AG 1200131 Datasheet HTML 4Page - SICK AG 1200131 Datasheet HTML 5Page - SICK AG 1200131 Datasheet HTML 6Page - SICK AG 1200131 Datasheet HTML 7Page - SICK AG 1200131 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PSD02-2301, M40Z-043023TB0 | M4000 Advanced A/P
MULTIPLE LIGHT BEAM SAFETY DEVICES
Brief description
Type
Part no.
4 pieces, Omega bracket, rotatable, fixable with only one screw, for mounting on the
swivel mount, including spacer discs
BEF-2SMGEAAL4
2044846
4 pieces, Mounting kit 12, rotatable, swivel mount
BEF-2SMGEAKU4
2030510
Switching amplifiers
UE403 muting switching amplifier
UE403-A0930
1026287
Plug connectors and cables
Head A: female connector, M26, 12-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0612G05M075KM0
2022545
Head A: female connector, M26, 12-pin, straight
Head B: -
Cable: unshielded
DOS-0612G000GA3KM0
6020757
Head A: female connector, M26, 12-pin, angled
Head B: -
Cable: unshielded
DOS-0612W000GA3KM0
6020758
Alignment aids
Laser alignment aid for various sensors, laser class 2 (IEC 60825). Do not look into
the beam!
AR60
1015741
Adapter AR60 for M4000 and M4000 Curtain
AR60 adapter, M4000
4040006
Muting accessories
Parallel muting (2 sensors), muting sensor brackets for mounting on M4000 housing
profile or device columns with external mounting grooves
Muting arm kit M4000,
2 sensors, parallel muting
2060157
2017-08-24 18:11:25 | Online data sheet
Subject to change without notice
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
7


Similar Part No. - 1200131

ManufacturerPart #DatasheetDescription
logo
SICK AG
1200130 SICK-1200130 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1200134 SICK-1200134 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
logo
List of Unclassifed Man...
1200135 ETC2-1200135 Datasheet
1Mb / 4P
   PA 6 normal profile conduit
logo
PHOENIX CONTACT
1200135 PHOENIX-1200135 Datasheet
45Kb / 1P
   Actuation tool - ST-BW 0
1200135 PHOENIX-1200135 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 1200131

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com