Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8672D38BGE-400 Datasheet(PDF) 6 Page - GSI Technology

Part # GS8672D38BGE-400
Description  72Mb SigmaQuad-IITM72Mb SigmaQuad-IITM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8672D38BGE-400 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS8672D38BGE-400 Datasheet HTML 2Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 3Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 4Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 5Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 6Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 7Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 8Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 9Page - GSI Technology GS8672D38BGE-400 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
GS8672D20/38BE-633/550/500/450/400
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03c 8/2017
6/30
© 2011, GSI Technology
Power-Up Sequence for SigmaQuad-II+ ECCRAMs
SigmaQuad-II+ ECCRAMs must be powered-up in a specific sequence in order to avoid undefined operations.
1. After power supplies power-up and clocks (K, K) are stablized, 163,840 cycles are required to set Output Driver
Impedance.
2. Thereafter, an additional 65,536 clock cycles are required to lock the DLL after it has been enabled.
3. Begin Read and Write operations.
For more information, read AN1021 SigmaQuad and SigmaDDR Power-Up.
On-Chip Error Correction
SigmaQuad-II ECCRAMs implement a single-bit error detection and correction algorithm (specifically, a Hamming Code) on each
DDR data word (comprising two 9-bit data bytes) transmitted on each 9-bit data bus (i.e., transmitted on D/Q[8:0], D/Q[17:9], D/
Q[26:18], or D/Q[35:27]). To accomplish this, 5 ECC parity bits (invisible to the user) are utilized per every 18 data bits (visible to
the user).
The ECC algorithm neither corrects nor detects multi-bit errors. However, GSI ECCRAMs are architected in such a way that a
single SER event very rarely causes a multi-bit error across any given "transmitted data unit", where a "transmitted data unit"
represents the data transmitted as the result of a single read or write operation to a particular address. The extreme rarity of multi-
bit errors results in the SER mentioned previously (i.e., <0.002 FITs/Mb measured at sea level).
Not only does the on-chip ECC significantly improve SER performance, but it also frees up the entire memory array for data
storage. Very often SRAM applications allocate 1/9th of the memory array (i.e., one "error bit" per eight "data bits", in any 9-bit
"data byte") for error detection (either simple parity error detection, or system-level ECC error detection and correction). Such
error-bit allocation is unnecessary with ECCRAMs —the entire memory array can be utilized for data storage, effectively
providing 12.5% greater storage capacity compared to SRAMs of the same density not equipped with on-chip ECC.


Similar Part No. - GS8672D38BGE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8672D38BGE-400I GSI-GS8672D38BGE-400I Datasheet
483Kb / 30P
   JEDEC-standard package
More results

Similar Description - GS8672D38BGE-400

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D38BD-550 GSI-GS8662D38BD-550 Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662Q10BGD-300I GSI-GS8662Q10BGD-300I Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT10BGD-333I GSI-GS8662DT10BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BD-300I GSI-GS8662DT37BD-300I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT37BGD-333I GSI-GS8662DT37BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662DT38BD-500I GSI-GS8662DT38BD-500I Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662Q10BD-250 GSI-GS8662Q10BD-250 Datasheet
502Kb / 28P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D10BD-400I GSI-GS8662D10BD-400I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS81302DT19GE-450 GSI-GS81302DT19GE-450 Datasheet
513Kb / 30P
   144Mb SigmaQuad-IITM 144Mb SigmaQuad-IITM
GS81302D37E-333I GSI-GS81302D37E-333I Datasheet
517Kb / 31P
   144Mb SigmaQuad-IITM 144Mb SigmaQuad-IITM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com