Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN79L06 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN79L06
Description  3-pin negative output voltage regulator (100 mA type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79L06 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AN79L06 Datasheet HTML 3Page - Panasonic Semiconductor AN79L06 Datasheet HTML 4Page - Panasonic Semiconductor AN79L06 Datasheet HTML 5Page - Panasonic Semiconductor AN79L06 Datasheet HTML 6Page - Panasonic Semiconductor AN79L06 Datasheet HTML 7Page - Panasonic Semiconductor AN79L06 Datasheet HTML 8Page - Panasonic Semiconductor AN79L06 Datasheet HTML 9Page - Panasonic Semiconductor AN79L06 Datasheet HTML 10Page - Panasonic Semiconductor AN79L06 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN79Lxx/AN79LxxM Series
7
SFF00006CEB
I Electrical Characteristics at Ta = 25°C (continued)
• AN79L18 (−18V type)
• AN79L20 (−20V type)
VO
V
Tj
= 25°C
VO
V
VI
= −21 to −33V, IO = 1 to 70mA
REGIN
mV
VI
= −21 to −33V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −21 to −32V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −21 to −33V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
5
RR
VI
= −22 to −32V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−18.7
−18
200
30
3
110
0.5
0.1
100
−18.9
160
80
50
−17.3
−17.1
0.8
200
−1
15
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −27V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit
VO
V
Tj
= 25°C
VO
V
VI
= −23 to −35V, IO = 1 to 70mA
REGIN
mV
VI
= −23 to −35V, Tj = 25°C
mV
REGL
mV
IO
= 1 to 100mA, Tj = 25°C
mV
IO
= 1 to 40mA, Tj = 25°C
VI
= −24 to −34V, Tj = 25°C
mA
Tj
= 25°C
IBias
mA
VI
= −23 to −35V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
IO
= 1 to 40mA, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz, Ta = 25°C
RR
VI
= −24 to −34V, f = 120Hz, Ta = 25°C
V
Tj
= 25°C
VDIF(min)
mA
IO(Short)
mV/
°C
VI
= −35V, Tj = 25°C
∆VO/Ta
IO
= 5mA
−20.8
−20
200
35
3
135
0.5
0.1
100
−21
180
90
5
49
−19.2
−19
0.8
200
−1
17
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= −29V, IO = 40mA, CI = 2µF, CO = 1µF, Tj = 0 to 125°C
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output short-circuit current
Output voltage temperature coefficient
Unit


Similar Part No. - AN79L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79L00M PANASONIC-AN79L00M Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
List of Unclassifed Man...
AN79L05 ETC2-AN79L05 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN79L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com