Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ7790501PWR Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ7790501PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790501PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ7790501PWR Datasheet HTML 5Page - Texas Instruments BQ7790501PWR Datasheet HTML 6Page - Texas Instruments BQ7790501PWR Datasheet HTML 7Page - Texas Instruments BQ7790501PWR Datasheet HTML 8Page - Texas Instruments BQ7790501PWR Datasheet HTML 9Page - Texas Instruments BQ7790501PWR Datasheet HTML 10Page - Texas Instruments BQ7790501PWR Datasheet HTML 11Page - Texas Instruments BQ7790501PWR Datasheet HTML 12Page - Texas Instruments BQ7790501PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
bq77904, bq77905
www.ti.com
SLUSCM3G – JUNE 2016 – REVISED SEPTEMBER 2017
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values stated at TA = 25ºC and VDD = 16 V (bq77904) or 20 V (bq77905). MIN and MAX values stated with TA =
–40ºC to +85ºC and VDD = 3 to 20 V (bq77904) or VDD = 3 to 25 V (bq77905) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Not production tested parameters. Specified by design
(3)
Device is in no fault state prior to entering Customer Test Mode.
VCTR2
Enable FET driver (Stacked)
Enabled > MIN
VDD + 2.2
V
VCTR(DIS)
Disable FET driver
Disabled between MIN and MAX
2.04
VDD + 0.7
V
VCTR(MAXV)
CTRC and CTRD clamp voltage
ICTR = 600nA
VDD + 2.8
VDD + 4
VDD + 5
V
tCTRDEG_ON)
(2)
CTRC and CTRD de-glitch for ON
signal
7
ms
tCTRDEG_OFF
(2)
CTRC and CTRD de-glitch for
OFF signal
7
ms
CURRENT STATE COMPARATOR
V(STATE_D1)
Discharge qualification threshold1
Measured at SRP-SRN
-3
–2
-1
mV
V(STATE_C1)
Charge qualification threshold1
Measured at SRP-SRN
1
2
3
mV
tSTATE
(2)
State detection qualification time
1.2
ms
LOAD REMOVAL DETECTION
VLD(CLAMP)
LD clamp voltage
I(LDCLAMP) = 300 µA
16
18
20.5
V
ILD(CLAMP)
LD clamp current
V(LDCLAMP) = 18 V
450
µA
VLDT
LD threshold
Load removed < when VLDT
1.25
1.3
1.35
V
RLD(INT)
LD input resistance when enabled
Measured to VSS
160
250
375
tLD_DEG
LD detection de-glitch
1
1.5
2.3
ms
CCFG PIN
V(CCFGL)
CCFG threshold low (ratio of
VAVDD)
3 cell configuration
10
%AVDD
V(CCFGH)
CCFG threshold high (ratio of
VAVDD)
4 cell configuration
65
100
%AVDD
V(CCFGHZ)
CFG threshold high-Z (ratio of
VAVDD)
5 cell configuration, CCFG
floating, internally biased
25
33
45
%AVDD
tCCFG_DEG
(2)
CCFG de-glitch
6
ms
CUSTOMER TEST MODE
V(CTM)
Customer test mode entry voltage
at VDD
VDD > VC5 + V(CTM), TA = 25°C
8.5
10
V
tCTM_ENTRY
(3)
Delay time to enter and exit
customer test mode
VDD > VC5 + V(CTM), TA = 25°C
50
ms
tCTM_DELAY
(3)
Delay time of faults while in
customer test mode
TA = 25°C
200
ms
tCTM_OC_REC
(3)
Fault recovery time of OCD1,
OCD2, and SCD faults while in
customer test mode
1 s and 8 s options, TA = 25°C
100
ms


Similar Part No. - BQ7790501PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790501PWR TI1-BQ7790501PWR Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ7790501PWR TI1-BQ7790501PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
More results

Similar Description - BQ7790501PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com