Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ7790400PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ7790400PWR
Description  3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ7790400PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ7790400PWR Datasheet HTML 4Page - Texas Instruments BQ7790400PWR Datasheet HTML 5Page - Texas Instruments BQ7790400PWR Datasheet HTML 6Page - Texas Instruments BQ7790400PWR Datasheet HTML 7Page - Texas Instruments BQ7790400PWR Datasheet HTML 8Page - Texas Instruments BQ7790400PWR Datasheet HTML 9Page - Texas Instruments BQ7790400PWR Datasheet HTML 10Page - Texas Instruments BQ7790400PWR Datasheet HTML 11Page - Texas Instruments BQ7790400PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
bq77904, bq77905
SLUSCM3G – JUNE 2016 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: bq77904 bq77905
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values stated at TA = 25ºC and VDD = 16 V (bq77904) or 20 V (bq77905). MIN and MAX values stated with TA =
–40ºC to +85ºC and VDD = 3 to 20 V (bq77904) or VDD = 3 to 25 V (bq77905) unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOTC
Overtemperature in charge
programmable threshold
Threshold for 45°C(1)
32.14
32.94
34.54
%VTB
Threshold for 50°C(1)
29.15
29.38
31.45
%VTB
VOTC(REC)
Overtemperature in charge
recovery
Recovery threshold at 35°C when
VOTD is at 45°C
(1)
38.63
40.97
40.99
%VTB
Recovery threshold at 40°C when
VOTD is at 50°C
(1)
36.18
36.82
38.47
%VTB
VUTD
Undertemperature in discharge
programmable threshold
Threshold for –20°C(1)
86.41
87.14
89.72
%VTB
Threshold for –10°C(1)
80.04
80.94
83.10
%VTB
VUTD(REC)
Undertemperature in discharge
recovery
Recovery threshold at –10°C
when VUTD is at –20°C
(1)
80.04
80.94
83.10
%VTB
Recovery threshold at 0°C when
VUTD is at –10°C
(1)
71.70
73.18
74.86
%VTB
VUTC
Undertemperature in charge
programmable threshold
Threshold for –5°C(1)
75.06
77.22
78.32
%VTB
Threshold for 0°C(1)
71.70
73.18
74.86
%VTB
VUTC(REC)
Undertemperature in Charge
Recovery
Recovery threshold at 5°C when
VUTC is at –5°C
(1)
68.80
69.73
71.71
%VTB
Recovery threshold at 10°C when
VUTC is at 0°C
(1)
64.67
65.52
67.46
%VTB
VOCD1
Overcurrent discharge 1
programmable threshold range,
(VSRP – VSRN)
–85
–10
mV
VOCD2
Overcurrent discharge 2
programmable threshold range,
(VSRP – VSRN)
–20
–170
mV
VSCD
Short circuit discharge programmable threshold range, (VSRP – VSRN)
–40
–340
mV
VCCAL
OCD1 detection accuracy at lower
thresholds
VOCD1 > –20 mV
–30%
30%
VCCAH
OCD1, OCD2, SCD detection
accuracy
VOCD1 ≤ –20 mV; all OCD2 and
SCD threshold ranges
–20%
20%
VOW
Open-wire fault voltage threshold
at VCx per cell with respect to
VCx-1
Voltage falling on VCx, 3.6 V to
0 V
450
500
550
mV
VOW(HYS)
Hysteresis for open wire fault
Voltage rising on VCx, 0 V to
3.6 V
100
mV
CHARGE AND DISCHARGE FET DRIVERS
V(FETON)
CHG/CHGU/DSG on
VDD
≥ 12 V, CL = 10 nF
11
12
14
V
VDD < 12 V, CL = 10 nF
VDD - 1
VDD
V
V(FETOFF)
CHG/CHGU/DSG off
No load when CHG/CHGU/DSG is
off
0.5
V
R(CHGOFF)
CHG off resistance
CHG off for > tCHGPDN and pin
held at 2V
0.5
k
R(DSGOFF)
CHGU/DSG off resistance
CHGU/DSG off and pin held at 2V
10
16
ICHG(CLAMP)
CHG clamp current
CHG off and pin held at 18 V
450
µA
VCHG(CLAMP)
CHG clamp voltage
ICHG(CLAMP) = 300 µA
16
18
20.5
V
tCHGON
CHG on rise time
CL = 10 nF, 10% to 90%
50
150
µs
tDSGON
CHGU/DSG on rise time
CL = 10 nF, 10% to 90%
2
75
µs
tCHGOFF
CHG off fall time
CL = 10 nF, 90% to 10%
15
30
µs
tDSGOFF
CHGU/DSG off fall time
CL = 10 nF, 90% to 10%
5
15
µs
CTRC AND CTRD CONTROL
VCTR1
Enable FET driver (VSS)
With respect to VSS. Enabled <
MAX
0.6
V


Similar Part No. - BQ7790400PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ7790400PWR TI1-BQ7790400PWR Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
More results

Similar Description - BQ7790400PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77904 TI1-BQ77904_17 Datasheet
1Mb / 45P
[Old version datasheet]   3-5S Ultra Low-Power Voltage, Current, Temperature, and Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
BQ77904 TI1-BQ77904_V01 Datasheet
1Mb / 47P
[Old version datasheet]   bq77904, bq77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI-BQ77904_V04 Datasheet
2Mb / 46P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V03 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
BQ77904 TI1-BQ77904_V02 Datasheet
1Mb / 47P
[Old version datasheet]   BQ77904, BQ77905 3-Series to 20-Series Ultra Low-Power Voltage, Current, Temperature, and Open-Wire Stackable Lithium-Ion Battery Protector
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com