Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-P-58U-Ni-CF Datasheet(PDF) 8 Page - DDK Ltd.

Part # BNC-P-58U-Ni-CF
Description  BNC Style Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-58U-Ni-CF Datasheet(HTML) 8 Page - DDK Ltd.

Back Button BNC-P-58U-Ni-CF Datasheet HTML 4Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 5Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 6Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 7Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 8Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 9Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 10Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 11Page - DDK Ltd. BNC-P-58U-Ni-CF Datasheet HTML 12Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Dust Cap
○Straight Bulkhead Cable Jack
Part Number
Finish
Note
Outer
Conductor
Center
Conductor
BNC-RBP1-CF
Ag
Ag
Independent
Waterproof
with Frange O-ring
BNC-RBP1-Ni-CF
Ni
Ag
Independent
Waterproof
with Frange O-ring
UG-604/U
バルクヘッドレセプタクル -3
UG-657/U
UG-1094/U
BNC-RBP1
BNC-RB
φ9.6
+0.1
0
26.3
13.7
1.0
Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
33
15.1
2.44
8.5
+0.1
0
φ9.92
+0.1
0
27
11.9
1.2
Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
32.6
15.2
2.5
2.3
17.4
33
8.5
+0.1
0
φ9.6
+0.1
0
UG-604/U
バルクヘッドレセプタクル -3
UG-657/U
UG-1094/U
BNC-RBP1
BNC-RB
φ9.6
+0.1
0
26.3
13.7
1.0
Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
33
15.1
2.44
8.5
+0.1
0
φ9.92
+0.1
0
27
11.9
1.2
Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
 Hex Dia.12.7
8.5
+0.1
0
φ9.6
+0.1
0
32.6
15.2
2.5
2.3
17.4
33
8.5
+0.1
0
φ9.6
+0.1
0
Part Number
Finish
Note
Outer
Conductor
Center
Conductor
BNC-RB-CF
Ag
Ag
with Frange O-ring
BNC-RB-Ni-CF
Ni
Ag
with Frange O-ring
Panel Thickness:2.2〜7.0
Panel Thickness:2.6〜6.4
8
BNC-CS-CF
2559-CF
適用コネクタ
 BNC形ジャック
(17.8)
(φ3.7)
Marking
 JCW-159/U-CF/DDK
BNC-JC-CF
2582-CF
(20.5)
表示
BNC-JC-CF/DDK
適合コネクタ:BNC形プラグ
(75)
(φ3.5)
Marking:DDK
BNC style mating side
60±5
Part Number
Finish
BNC-CS-CF
Ag
BNC-CS-Ni-CF
Ni
Part Number
Finish
BNC-JC-CF
Ag
BNC-JC-Ni-CF
Ni
Part Number
Finish
BNC-RC-3
Ni
BNC-RC-3-D1
Ag
Short Cap
Short Cap
Panel Mounting Dimensions
Panel Mounting Dimensions


Similar Part No. - BNC-P-58U-Ni-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-58U-Ni-CF DDK-BNC-P-58U-Ni-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
More results

Similar Description - BNC-P-58U-Ni-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
logo
Pomona Electronics
5219 POMONA-5219 Datasheet
71Kb / 1P
   Triaxial, 3 Lug Bayonet BNC Style, (F) Bulkhead Mount
logo
Adam Technologies, Inc.
RF1-500-7-BL ADAM-TECH-RF1-500-7-BL Datasheet
80Kb / 1P
   BNC CONNECTOR
RF1-89-T-00-75 ADAM-TECH-RF1-89-T-00-75 Datasheet
133Kb / 1P
   BNC CONNECTOR
RF1-91-D-04-75 ADAM-TECH-RF1-91-D-04-75 Datasheet
66Kb / 1P
   BNC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com