Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BNC-P-58U-CF Datasheet(PDF) 11 Page - DDK Ltd.

Part # BNC-P-58U-CF
Description  BNC Style Connector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

BNC-P-58U-CF Datasheet(HTML) 11 Page - DDK Ltd.

Back Button BNC-P-58U-CF Datasheet HTML 7Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 8Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 9Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 10Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 11Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 12Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 13Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 14Page - DDK Ltd. BNC-P-58U-CF Datasheet HTML 15Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Unit:mm
http://www.ddknet.co.jp
BNC Series
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
11
○Assembly Instruction(3)
Insert the body into the above cable assembly and
screw up the body by the wrench tightly.
Recommended Tightening Torque
: 196 N・cm(20kgf・cm)
Contact Assembly
Plug Body
Inserting Tool
Ferule
(for 2.5D-2V)
(for 1.5D-2V / RG-179B/U)
17mm
10mm
1mm
Ferule
2.5D-2V
Ferule
1.5D-2V,RG-179B/U
20mm
A
Soldering
crimping
Contact Assembly
Plug Body
Inserting Tool
Ferule
(for 2.5D-2V)
(for 1.5D-2V / RG-179B/U)
17mm
10mm
1mm
Ferule
2.5D-2V
Ferule
1.5D-2V,RG-179B/U
20mm
A
Soldering
crimping
Cut the cable as fig.1.
● Please be careful to not damage the outer conductor.
Insert the ferule.
● In case of 2.5D-2V cable, insert the ferule into the cable
and push the ferule between sheath and outer conductor
until the head of ferule is reached to the sheath by
inserting tool(E3001-160) and pick the outer conductor.
● In case of 1.5D-2V or RG-179B/U cable , insert the
ferule until the ferule reached at the sheath and pick the
outer conductor.
Insert the contact assembly into the above cable
assembly. Solder up the contact with center conductor
and crimp the root of the contact assembly.
Folding down the outer conductor to the ferule and
cut the couter conductor along the ferule as fig.3.
Cut the insulator and center conductor and pre-solder
the center conductor.
Applicable Cable
A
2.5D-2V
4mm
1.5-2V, RG-179B/U
5mm
Parts Configulration


Similar Part No. - BNC-P-58U-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC-P-58U-CF DDK-BNC-P-58U-CF Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
More results

Similar Description - BNC-P-58U-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
   75 廓 BNC Style Connector
31-10-CF DDK-31-10-CF Datasheet
730Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
31 DDK-31 Datasheet
399Kb / 2P
   BNC (Isolated) Style Connector (Panel Mounting Type)
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
   BNC (M) Compression Style, 75 廓
logo
3M Electronics
5344 3M-5344 Datasheet
34Kb / 2P
   Model 5344 & Assembly Instructions BNC (Female) Crimp Style Coaxial Connector
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
   BNC style connector is one of the most popular 50 廓 coaxial connector.
logo
Pomona Electronics
5219 POMONA-5219 Datasheet
71Kb / 1P
   Triaxial, 3 Lug Bayonet BNC Style, (F) Bulkhead Mount
logo
Adam Technologies, Inc.
RF1-500-7-BL ADAM-TECH-RF1-500-7-BL Datasheet
80Kb / 1P
   BNC CONNECTOR
RF1-89-T-00-75 ADAM-TECH-RF1-89-T-00-75 Datasheet
133Kb / 1P
   BNC CONNECTOR
RF1-91-D-04-75 ADAM-TECH-RF1-91-D-04-75 Datasheet
66Kb / 1P
   BNC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com