Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8342DT07BGD-333I Datasheet(PDF) 8 Page - GSI Technology

Part # GS8342DT07BGD-333I
Description  165-Bump BGA Commercial Temp Industrial Temp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342DT07BGD-333I Datasheet(HTML) 8 Page - GSI Technology

Back Button GS8342DT07BGD-333I Datasheet HTML 4Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 5Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 6Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 7Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 8Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 9Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 10Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 11Page - GSI Technology GS8342DT07BGD-333I Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Example x18 RAM Write Sequence using Byte Write Enables
Data In Sample Time
BW0
BW1
D0–D8
D9–D17
Beat 1
0
1
Data In
Don’t Care
Beat 2
1
0
Don’t Care
Data In
Beat 3
0
0
Data In
Data In
Beat 4
1
0
Don’t Care
Data In
Resulting Write Operation
Byte 1
D0–D8
Byte 2
D9–D17
Byte 1
D0–D8
Byte 2
D9–D17
Byte 1
D0–D8
Byte 2
D9–D17
Byte 1
D0–D8
Byte 2
D9–D17
Written
Unchanged
Unchanged
Written
Written
Written
Unchanged
Written
Beat 1
Beat 2
Beat 3
Beat 4
GS8342DT07/10/19/37BD-450/400/350/333/300
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 8/2017
8/29
© 2011, GSI Technology
FLXDrive-II Output Driver Impedance Control
HSTL I/O SigmaQuad-II+ SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to
VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be
5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is
between 175
 and 350. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts
in supply voltage and temperature. The SRAM’s output impedance circuitry compensates for drifts in supply voltage and
temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance
evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is
implemented with discrete binary weighted impedance steps.
Input Termination Impedance Control
These SigmaQuad-II+ SRAMs are supplied with programmable input termination on Data (D), Byte Write (BW), and Clock (K,K)
input receivers. The input termination is always enabled, and the impedance is programmed via the same RQ resistor (connected
between the ZQ pin and VSS) used to program output driver impedance, in conjuction with the ODT pin (6R). When the ODT pin
is tied Low, input termination is "strong" (i.e., low impedance), and is nominally equal to RQ*0.3 Thevenin-equivalent when RQ is
between 175Ω and 350Ω. When the ODT pin is tied High (or left floating—the pin has a small pull-up resistor), input termination
is "weak" (i.e., high impedance), and is nominally equal to RQ*0.6 Thevenin-equivalent when RQ is between 175Ω and 250Ω.
Periodic readjustment of the termination impedance occurs to compensate for drifts in supply voltage and temperature, in the same
manner as for driver impedance (see above).
Note:
D, BW, K, K inputs should always be driven High or Low; they should never be tri-stated (i.e., in a High-Z state). If the inputs are
tri-stated, the input termination will pull the signal to VDDQ/2 (i.e., to the switch point of the diff-amp receiver), which could cause
the receiver to enter a meta-stable state, resulting in the receiver consuming more power than it normally would. This could result
in the device’s operating currents being higher.


Similar Part No. - GS8342DT07BGD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342DT07BGD-300I GSI-GS8342DT07BGD-300I Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
GS8342DT07BGD-350 GSI-GS8342DT07BGD-350 Datasheet
507Kb / 29P
   36Mb SigmaQuad-IITM Burst of 4 SRAM
GS8342DT07BGD-350I GSI-GS8342DT07BGD-350I Datasheet
507Kb / 29P
   JEDEC-standard pinout and package
More results

Similar Description - GS8342DT07BGD-333I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342D37BD-350 GSI-GS8342D37BD-350 Datasheet
506Kb / 29P
   165-Bump BGA Commercial Temp Industrial Temp
logo
List of Unclassifed Man...
GS816136T-166I ETC-GS816136T-166I Datasheet
1Mb / 40P
   165 Bump BGA-x18 Commom I/O - Top View (Package D)
logo
Greenliant systems
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
   Industrial / Commercial Temp mSATA ArmourDrive
GLS87DPXXXX3 GREENLIANT-GLS87DPXXXX3 Datasheet
326Kb / 9P
   Industrial / Commercial Temp SATA M.2 ArmourDrive
logo
Tyco Electronics
HFC MACOM-HFC Datasheet
75Kb / 1P
   COMMERCIAL/INDUSTRIAL
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
Greenliant systems
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
   Industrial Temp SATA NANDrive
GLS85VM1016B GREENLIANT-GLS85VM1016B Datasheet
332Kb / 8P
   Industrial Temp eMMC NANDrive
logo
STATS ChipPAC, Ltd.
BCC STATSCHIP-BCC Datasheet
589Kb / 2P
   Bump Chip Carrier
logo
Bel Fuse Inc.
S558-5999-BQ-F BEL-S558-5999-BQ-F Datasheet
289Kb / 2P
   DUAL 1000BASE-T INDUSTRIAL TEMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com