Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P13PT Datasheet(PDF) 5 Page - Rohm

Part # SML-P13PT
Description  Ultra compact, thin size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P13PT Datasheet(HTML) 5 Page - Rohm

  SML-P13PT Datasheet HTML 1Page - Rohm SML-P13PT Datasheet HTML 2Page - Rohm SML-P13PT Datasheet HTML 3Page - Rohm SML-P13PT Datasheet HTML 4Page - Rohm SML-P13PT Datasheet HTML 5Page - Rohm SML-P13PT Datasheet HTML 6Page - Rohm SML-P13PT Datasheet HTML 7Page - Rohm SML-P13PT Datasheet HTML 8Page - Rohm SML-P13PT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
■Chromaticity Diagram
[SML-P12x/P13x series]
*Measurement tolerance:±10%
0 .2
0 .3
0 .4
0 .2
0 .3
0 .4
CIE x
A
F
H
K
SCMP13WBC8W
0.2
0.3
0.4
0.2
0.3
0.4
CIE x
SMLP13WBC9W
1
2
3
(Ta=25℃、If=5mA)
x
y
x
y
x
y
x
y
0.280
0.248
0.283
0.305
0.287
0.295
0.304
0.330
0.296
0.276
0.304
0.330
0.307
0.315
0.330
0.360
0.283
0.305
0.307
0.315
0.311
0.294
0.330
0.318
0.264
0.267
0.287
0.295
0.296
0.276
0.311
0.294
Measurement tolerance:±0.02
A
F
H
K
(Ta=25℃、If=5mA)
x
y
x
y
x
y
0.262
0.252
0.292
0.260
0.297
0.310
0.277
0.236
0.280
0.282
0.306
0.283
0.292
0.260
0.297
0.310
0.320
0.306
0.280
0.282
0.306
0.283
0.316
0.342
Measurement tolerance:±0.02
1
2
3
Red(V,U,U2)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0
1.6
1.6
2.5
2.5
4.0
4.0
6.3
6.3
10
10
16
16
25
25
40
40
63
63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600
Orange(D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0
1.6
1.6
2.5
2.5
4.0
4.0
6.3
6.3
10
10
16
16
25
25
40
40
63
63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600
Yellow(Y3,Y,W,Y2)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0
1.6
1.6
2.5
2.5
4.0
4.0
6.3
6.3
10
10
16
16
25
25
40
40
63
63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600
Yellowish Green(M2,M,)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0
1.6
1.6
2.5
2.5
4.0
4.0
6.3
6.3
10
10
16
16
25
25
40
40
63
63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600
Green(F,P)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
1.0
1.6
1.6
2.5
2.5
4.0
4.0
6.3
6.3
10
10
16
16
25
25
40
40
63
63
100 100
160 160
250 250
400 400
630 630
1000 1000
1600
Green(E)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9
1.4
1.4
2.2
2.2
3.6
3.6
5.6
5.6
9.0
9
14
14
22
22
36
36
56
56
90
90
140 140
220 220
360 360
560 560
900
Blue(B)
(Ta=25ºC, IF=5mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9
1.4
1.4
2.2
2.2
3.6
3.6
5.6
5.6
9.0
9
14
14
22
22
36
36
56
56
90
90
140 140
220 220
360 360
560 560
900
White(WB)
(Ta=25ºC, IF=5mA)
N
P
Q
R
S
T
U
V
W
14
22
22
36
36
56
56
90
90
140 140
220 220
360 360
560 560
900
SMLP13EC8T
Rank
Iv(mcd)
Rank
Iv(mcd)
Rank
Iv(mcd)
Rank
Iv(mcd)
SML-P12M2T
Rank
Iv(mcd)
Rank
Iv(mcd)
SML-P12VT
SML-P12UT
SMLP13WBC9W
Rank
Iv(mcd)
SMLP13BC8T
Rank
Iv(mcd)
SCMP13WBC8W
SML-P12Y2T
SML-P12MT
SML-P13FT
SML-P13PT
SML-P12U2T
SML-P12DT
SML-P12Y3T
SML-P12YT
SML-P12WT
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/10
2017.8 - Rev.006


Similar Part No. - SML-P13PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P1 ROHM-SML-P1 Datasheet
1Mb / 4P
   Ultra compact
SML-P11DT ROHM-SML-P11DT Datasheet
127Kb / 3P
   Low Current Type
SML-P11DT ROHM-SML-P11DT Datasheet
1Mb / 4P
   Ultra compact
SML-P11DT ROHM-SML-P11DT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11DT ROHM-SML-P11DT Datasheet
122Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type
More results

Similar Description - SML-P13PT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P11VT ROHM-SML-P11VT Datasheet
278Kb / 11P
   Ultra compact, thin size
SML-P12DTT86 ROHM-SML-P12DTT86 Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
   Ultra Compact Size
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
   Ultra Compact Size
logo
Rohm
SMLP12HBC7W1 ROHM-SMLP12HBC7W1 Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-R1 ROHM-SML-R1_11 Datasheet
1Mb / 4P
   Ultra compact, thin side-view type LED
SML-R1 ROHM-SML-R1 Datasheet
1Mb / 4P
   Ultra compact,thin side-view type LED
RPM973-H16E4A ROHM-RPM973-H16E4A Datasheet
111Kb / 3P
   Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com