Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-S13VT Datasheet(PDF) 1 Page - Rohm

Part # SML-S13VT
Description  Surface mount Lens LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-S13VT Datasheet(HTML) 1 Page - Rohm

  SML-S13VT Datasheet HTML 1Page - Rohm SML-S13VT Datasheet HTML 2Page - Rohm SML-S13VT Datasheet HTML 3Page - Rohm SML-S13VT Datasheet HTML 4Page - Rohm SML-S13VT Datasheet HTML 5Page - Rohm SML-S13VT Datasheet HTML 6Page - Rohm SML-S13VT Datasheet HTML 7Page - Rohm SML-S13VT Datasheet HTML 8Page - Rohm SML-S13VT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SML-S1x Series
    
Data Sheet
■Features
■Outline
• Surface mount Lens LEDs
• Narrow directivity and high brightness
• Availability of reverse mounting
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(µA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
625
630
635
160
450
615
620
625
400
700
602
605
608
587
590
593
569
572
575
160
400
557
560
563
63
160
3.3
520
527
538
1800 3000
3.2
464
470
476
560.0
800
SML-S13VT
SML-S13UT
SML-S13DT
SML-S13YT
SML-S13MT
SML-S13PT
SMLS14EET
SMLS14BET
*1 : Duty 1/10, 1kHz, *2 : Measurement tolerance:±1nm
100*
1
5
-40
〜+100
10
5
78
2
Yellowish green
InGaN
117
AlGaInP
Red
75
30
-40
〜+85
1.9
Orange
Yellow
Blue
Green
Luminous Intensity IV
Dissipation
Topr(ºC)
Tstg(ºC)
20
20
20
630 1400
Operating Temp.
Storage Temp.
Forward Voltage VF Reverse Current IR
Current
IFP(mA) VR(V)
Current
PD(mW) IF(mA)
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward
Emitting
Color
Peak Forward
Dominant Wavelength
λ
D
Tolerance : ±0.1
(unit : mm)
(unit : mm)
3216
1206
size
3.2
×
1.6mm
t=1.85mm
Color
Type
V
U
D
Y
M
P
E
B
(1.8)
(4.6)
<Surface
Mount〉
2.1
5.1
〈Reverse
Mount〉
<Surface Mount>
<Reverse Mount>
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/10
2017.5 - Rev.006


Similar Part No. - SML-S13VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
More results

Similar Description - SML-S13VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
   Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
   Surface mount Lens LEDs
2021.11 - Rev.014
logo
Agilent(Hewlett-Packard...
HSMA-C540 HP-HSMA-C540 Datasheet
195Kb / 8P
   Oval Lens High Performance Surface Mount LEDs
logo
Sanken electric
SEC4003 SANKEN-SEC4003 Datasheet
438Kb / 2P
   Side View Surface Mount LEDs (Inner Lens Type)
SEC1001 SANKEN-SEC1001_08 Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1003 SANKEN-SEC1003_08 Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
SEC1G03C SANKEN-SEC1G03C Datasheet
416Kb / 1P
   3 횞 1.5 Surface Mount Infrared LEDs (Inner Lens Type)
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
List of Unclassifed Man...
SML-310VT ETC1-SML-310VT Datasheet
106Kb / 2P
   LEDs, Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com