Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-H12V8T Datasheet(PDF) 4 Page - Rohm

Part # SML-H12V8T
Description  Abundant color variations
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-H12V8T Datasheet(HTML) 4 Page - Rohm

  SML-H12V8T Datasheet HTML 1Page - Rohm SML-H12V8T Datasheet HTML 2Page - Rohm SML-H12V8T Datasheet HTML 3Page - Rohm SML-H12V8T Datasheet HTML 4Page - Rohm SML-H12V8T Datasheet HTML 5Page - Rohm SML-H12V8T Datasheet HTML 6Page - Rohm SML-H12V8T Datasheet HTML 7Page - Rohm SML-H12V8T Datasheet HTML 8Page - Rohm SML-H12V8T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SML-H12x(C) series]
Red(V,U)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10
10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600 1600〜2500 2500〜4000
Orange(D)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10
10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600 1600〜2500
Yellow(Y)
(Ta=25ºC, IF=20mA)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10
10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600 1600〜2500
Yellowish Green/Green(M, P)
(Ta=25ºC, IF=20mA)
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
0.63〜1.0
1.0〜1.6 1.6〜2.5 2.5〜4.0 4.0〜6.3
6.3〜10
10〜16 16〜25 25〜40 40〜63 63〜100 100〜160 160〜250 250〜400 400〜630 630〜1000 1000〜1600 1600〜2500
Rank
Iv (mcd)
SML-H12M8T(C)
SML-H12P8T(C)
Iv (mcd)
SML-H12D8T(C)
Rank
Iv (mcd)
SML-H12Y8T(C)
Rank
Iv (mcd)
SML-H12V8T(C)
SML-H12U8T(C)
Rank
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.5 - Rev.005


Similar Part No. - SML-H12V8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12V8T ROHM-SML-H12V8T Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
More results

Similar Description - SML-H12V8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-521MDWT86 ROHM-SML-521MDWT86 Datasheet
588Kb / 10P
   Abundant 2 color variations
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   Abundant 2 color variations
logo
List of Unclassifed Man...
UPMBB-05M ETC2-UPMBB-05M Datasheet
67Kb / 1P
   COLOR VARIATIONS MAY OCCUR
logo
Xilinx, Inc
XC4000D XILINX-XC4000D Datasheet
13Kb / 2P
   Abundant flip-flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com