Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-A12WT Datasheet(PDF) 1 Page - Rohm

Part # SML-A12WT
Description  Compact size side-view LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-A12WT Datasheet(HTML) 1 Page - Rohm

  SML-A12WT Datasheet HTML 1Page - Rohm SML-A12WT Datasheet HTML 2Page - Rohm SML-A12WT Datasheet HTML 3Page - Rohm SML-A12WT Datasheet HTML 4Page - Rohm SML-A12WT Datasheet HTML 5Page - Rohm SML-A12WT Datasheet HTML 6Page - Rohm SML-A12WT Datasheet HTML 7Page - Rohm SML-A12WT Datasheet HTML 8Page - Rohm SML-A12WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SML-A1x Series
EXCELEDTM
    
Data Sheet
■Features
■Outline
• EXCELEDTM series
• Compact size side-view LEDs
■Size
■Dimensions
■Recommended Solder Pattern
■Specifications
Typ.
IF
Max.
VR
Min.*2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(µA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
624
630
636
16
40
614
620
626
25
63
2.0
-
624
-
36
2.2
601
605
609
40
-
606
-
587
593
586
594
25
568
572
576
10
25
2.1
100
567
570
573
14
40
2.2
10
556
560
564
2.5
6.3
3.0
100
520
527
535
56
465
470
475
36
56
EXCELED
TM is ROHM's pending trademark.
63
54
20
2.2
25
-30
+85
22
AlGaInP
54
20
-40
+85
2.2
20
InGaN
5
5
Blue
66
2.9
10
White
68
Green
-40
+100
-40
+85
5
100*
1
20
Emitting
Color
Dominant Wavelength
λ
D
/Chromaticity coordinate(x,y)
Luminous Intensity IV
Dissipation
Topr(ºC)
Tstg(ºC)
75
30
54
20
10
5
20
20
100
10
50
(x,y)(0.30,0.30)
Reverse
Operating Temp.
Forward Voltage VF Reverse Current IR
65
54
75
IFP(mA) VR(V)
Current Current Voltage
PD(mW) IF(mA)
Part No.
Chip Structure
Absolute Maximum Ratings (Ta=25ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Power Forward Peak Forward
Storage Temp.
*1 : 1/10,1kHz *2 : Measurement tolerance:±1nm、*3:Brightness for white color is noted with chromaticity coordinate(x,y).
SML-A12P8T
SMLA12EC6T
SMLA13BC8T
SMLA12WBC7W *3
SML-A12V8T
SML-A12U8T
SML-A12UT(J)
SML-A12D8T
SML-A12DT(J)
SML-A12WT(J)
SML-A12Y8T
SML-A12M8T
SML-A12MT(J)
36
Yellow
590
5
33
Orange
Red
Yellowish green
30
2.0
Tolerance : ±0.1
(unit : mm)
(unit : mm)
1611(0605)
1.6
×
1.15mm(t=0.55mm)
W
M
P
E
B
WB
Color
Type
V
U
D
Y
1.2
0.9
3.3
PCB Bonding Direction
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
1/11
2017.7 - Rev.007


Similar Part No. - SML-A12WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12WT ROHM-SML-A12WT Datasheet
450Kb / 3P
   High Brightness Type Side view chip LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
1Mb / 4P
   Side-view type
SML-A12WT ROHM-SML-A12WT Datasheet
123Kb / 3P
   Side View Chip LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12WT ROHM-SML-A12WT Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
More results

Similar Description - SML-A12WT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-A12U8TT86 ROHM-SML-A12U8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12V8TT86 ROHM-SML-A12V8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SML-A12P8TT86 ROHM-SML-A12P8TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
SMLA12BC7TT86 ROHM-SMLA12BC7TT86 Datasheet
1Mb / 4P
   Compact size side-view LEDs
logo
Everlight Electronics C...
EASV3006WA2 EVERLIGHT-EASV3006WA2 Datasheet
1Mb / 13P
   Side View LEDs
EAPL2812WA0 EVERLIGHT-EAPL2812WA0 Datasheet
985Kb / 15P
   Side View LEDs
EAPL3810A10 EVERLIGHT-EAPL3810A10 Datasheet
249Kb / 12P
   Side View LEDs
EAPL3810A12 EVERLIGHT-EAPL3810A12 Datasheet
253Kb / 12P
   Side View LEDs
EAPL3810A14 EVERLIGHT-EAPL3810A14 Datasheet
520Kb / 12P
   Side View LEDs
EAPL3810A4 EVERLIGHT-EAPL3810A4 Datasheet
616Kb / 13P
   Side View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com