Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D12M1W Datasheet(PDF) 9 Page - Rohm

Part # SML-D12M1W
Description  IV rank reduction products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D12M1W Datasheet(HTML) 9 Page - Rohm

Back Button SML-D12M1W Datasheet HTML 3Page - Rohm SML-D12M1W Datasheet HTML 4Page - Rohm SML-D12M1W Datasheet HTML 5Page - Rohm SML-D12M1W Datasheet HTML 6Page - Rohm SML-D12M1W Datasheet HTML 7Page - Rohm SML-D12M1W Datasheet HTML 8Page - Rohm SML-D12M1W Datasheet HTML 9Page - Rohm SML-D12M1W Datasheet HTML 10Page - Rohm SML-D12M1W Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
    
[Data Sheet]
sufficiently with your cleaning conditions
[SML-D12x1 series]
4-6.Reflow Profile
For reflow profile, please refer to the conditions below:(※)
■Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax
Maximum of pre-heating temperature
180℃
Tsmin
Minimum of pre-heating temperature
140℃
ts
Time from Tsmin to Tsmax
Over 60sec.
Under 3℃/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3℃/sec.
TL
Reference temperature
230〜260℃
tL
Retention time for TL Within 40sec.
TP
Peak temperature
260℃(Max)
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Condition ) Temp. of iron top less than
400℃ within 3 sec.
b)
Handling after
soldering
Please handle after the part temp.
goes down to room temp.
4-8.Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering and evaluate
※Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and
reflow furnaces before using, because stress from circuit boards and temperature variations of reflow
4-7.Attention Points in Soldering Operation
This product was developed as a surface mount LED especially suitable for reflow soldering.
So reflow soldering is recommended. In case of implementing manual soldering,
please take care of following points.
①SOLDER USED
②HAND SOLDERING CONDITION
LED products do not contain reinforcement material such as a glass fillers.
RECOMMENDED CONDITION
Ultrasonic Cleaning
15W/Below 1 liter (capacity of tank)
Drying
Under 100℃ within 3 minutes
furnaces vary by customer’s own conditions.
So thermal stress by soldering greatly influence its reliability.
Please keep following points for manual soldering.
ITEM
a) Heating method
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30℃ within 3 minutes
Heating on PCB pattern, not direct to the
LED. (Fig-1)
Sn-Cu,Sn-Ag-Cu,Sn-Ag-Bi-Cu
Fig-1
SOLDERING
LAND
SOLDERING IRON
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
9/9
2017.6 - Rev.004


Similar Part No. - SML-D12M1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12M1WT86 ROHM-SML-D12M1WT86 Datasheet
1Mb / 18P
   Yellow Green Surface Mount Chip LEDs featuring AlGaInP packed with milky white diffused resin.
2022.8 - Rev.004
More results

Similar Description - SML-D12M1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342MGT32 ROHM-SLR-342MGT32 Datasheet
878Kb / 4P
   Rank Reference of Brightness
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Tyco Electronics
C-169481-1 MACOM-C-169481-1 Datasheet
37Kb / 1P
   HAND TOOL ASSEMBLY FOR MODU IV Handzange fur modu IV
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
logo
Altera Corporation
EP4SE110 ALTERA-EP4SE110 Datasheet
407Kb / 40P
   Stratix IV Device
logo
National Semiconductor ...
DM74LS952 NSC-DM74LS952 Datasheet
149Kb / 8P
   Dual Rank 8-Bit TRI-STATE짰Shift Register
logo
Altera Corporation
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com