Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811DT Datasheet(PDF) 3 Page - Rohm

Part # SML-811DT
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811DT Datasheet(HTML) 3 Page - Rohm

  SML-811DT Datasheet HTML 1Page - Rohm SML-811DT Datasheet HTML 2Page - Rohm SML-811DT Datasheet HTML 3Page - Rohm SML-811DT Datasheet HTML 4Page - Rohm SML-811DT Datasheet HTML 5Page - Rohm SML-811DT Datasheet HTML 6Page - Rohm SML-811DT Datasheet HTML 7Page - Rohm SML-811DT Datasheet HTML 8Page - Rohm SML-811DT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
    
[Data Sheet]
■Viewing Angle
[SML-811x(C) series]
Reference
SCANNING ANGLE (deg)
SCANNING ANGLE (deg)
RELATIVE INTENSITY (%)
RELATIVE INTENSITY (%)
SML-81x(C) series
0
50
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
50
X
X
X
X
-
-
-
-
Y
Y
Y
Y
スキャン方向
(Scanning
Direction)
X
X
X
X
Y
Y
Y
Y
0
50
1 00
90
8 0
70
6 0
50
40
30
20
10
0
10
20
3 0
40
50
60
70
80
90
1 00
50
スキャン方向
(Scanning
Direction )
X'
X'
X'
X'
-
-
-
-
Y'
Y'
Y'
Y'
X'
X'
X'
X'
Y'
Y'
Y'
Y'
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
3/9
2017.5 - Rev.005


Similar Part No. - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811DT ROHM-SML-811DT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811DT ROHM-SML-811DT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811DT ROHM-SML-811DT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811DTA ROHM-SML-811DTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com