Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811UT Datasheet(PDF) 8 Page - Rohm

Part # SML-811UT
Description  Reverse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811UT Datasheet(HTML) 8 Page - Rohm

Back Button SML-811UT Datasheet HTML 3Page - Rohm SML-811UT Datasheet HTML 4Page - Rohm SML-811UT Datasheet HTML 5Page - Rohm SML-811UT Datasheet HTML 6Page - Rohm SML-811UT Datasheet HTML 7Page - Rohm SML-811UT Datasheet HTML 8Page - Rohm SML-811UT Datasheet HTML 9Page - Rohm SML-811UT Datasheet HTML 10Page - Rohm SML-811UT Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
    
[Data Sheet]
Stress strength according to
he mounting position:
A>B>C>D
so please pay attention to the touch on product.
We recommend the soldering pattern that shows on the right.
It will be different according to mounting situation of circuit board,
therefore, please concern before designing.
※The product has adopted the electrode structure that it should solder
with back electrode of the product.
Thus, please be informed that the shape of electrode pin of
solder fillet formation is not guaranteed.
The through hole on electrode surface is for conduction of front
 and rear electrodes but not for formation of solder fillet.
4-5.Soldering Pattern for Recommendation
4-3. Mounting Location
The stress like bending stress of circuit board dividing after mounting, may cause LED package crack
or damage of LED internal junction, therefore, please concern the mounting direction and position
to avoid bending or screwing with great stress of the circuit board.
4―4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting,
4-1. Soldering
・No resin hardening agent such as filler is used in the sealing resin of the product. Therefore, resin
expansion and moisture absorption at humidity will cause heat stress during soldering process and
・Compare with N2 reflow, during air reflow, because of the heat and surrounding conditions,
it may cause the discoloration of the resin.
・For our product that has no solder resist, because of its solder amount and soldering conditions,
finally has bad influence on the product’s reliability.
・The product is not guaranteed for flow soldering.
・Do not expose the product in the environment of high temperature (over 100℃) or rapid temperature
shift (within 3℃/sec. of temperature gradient) during the flow soldering of surrounding parts.
・Please set appropriate reflow temperature based on our product usage conditions and specification.
・The max for reflowing is 2 times, please finish the second reflow soldering and flow soldering
with other parts within the usage limitation after open the moistureproof package.
In case of carrying out flow soldering of surrounding parts without recommended conditions, please
contact us for inquiries.
to prevent electrostatic charge.
4.Mounting
the mounter to control the product stabilization. In addition, it is recommended to set ionizer
 one of its specific characteristics is that solder will penetrate into LED. Thus, there's high possibility
that will influence its reliability.Therefore, please be informed, concerning it before using it.
4-2. Automatic Mounting
4-2-1. Silicon Resin Sealing Product
The sealing resin of LED is very soft, so please select adsorption nozzle that would not apply stress
directly on the sealing section.
4-2-2. Mini Package (Smaller than 1608 size)
・Vibration may result in low mounting rate since it will cause the static electricity of product and
adhere to top cover tape. Therefore, the magnet should be set on parts feeder cassette of
[SML-811x(C) series]
+
φ
2.4
4.2
(unit
mm)
1.25
Hole
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
8/9
2017.5 - Rev.005


Similar Part No. - SML-811UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811UT ROHM-SML-811UT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811UT ROHM-SML-811UT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811UT ROHM-SML-811UT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-81 ROHM-SML-81 Datasheet
2Mb / 4P
   Reverse-mount type
logo
STANLEY ELECTRIC CO.,LT...
VCEW1154RDS-TR STANLEY-VCEW1154RDS-TR Datasheet
681Kb / 25P
   Reverse mount type
logo
Rohm
SML-810TBT86 ROHM-SML-810TBT86 Datasheet
1Mb / 4P
   Reverse-mount type phototransistors
SML-811UTT86 ROHM-SML-811UTT86 Datasheet
590Kb / 11P
   ?줣everse-mount available type
logo
STANLEY ELECTRIC CO.,LT...
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
   Surface Mount Phototransistor/Reverse Mount Type
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com