Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUEF500 Datasheet(PDF) 1 Page - Littelfuse

Part # RUEF500
Description  Specification Status: Released
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RUEF500 Datasheet(HTML) 1 Page - Littelfuse

  RUEF500 Datasheet HTML 1Page - Littelfuse RUEF500 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RUEF500
DOCUMENT: SCD25177
REV LETTER: G
REV DATE: JULY 26,2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Maximum Electrical Rating at 20°C
30 VDC /100 A DC
30 VAC /70 ARMS
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
20 AWG Tin Plated Copper
Marking:
Manufacturer’s Mark
Lot Identification
and Part Identification
U500
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
14.0
--
24.1
9.4
10.9
7.6
--
--
3.0
in*:
--
(0.55)
--
(0.95)
(0.37)
(0.43)
(0.30)
--
--
(0.12)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
I HOLD
CURRENT
RATINGS
TIME TO
TRIP
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
STANDARD
TRIP
TRIPPED POWER
DISSIPATION
AMPS
20°C
AMPS AT
20°C
SECONDS AT
20°C, 25.0A
OHMS
AT 20.0° C
OHMS
AT 20°C
WATTS AT
20°C
WATTS AT
20°C
HOLD
HOLD
TRIP
MAX
MIN
MAX
MAX
NOMINAL
MAX
5.00
5.00
10.00
14.5
0.01
0.03
0.05
3.00
3.23
Agency Recognitions:
UL, CSA, TUV, CQC
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm,Br+Cl≤1500ppm.
HF


Similar Part No. - RUEF500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUEF500 MACOM-RUEF500 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RUEF500 MACOM-RUEF500 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RUEF500 MACOM-RUEF500 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RUEF500 MACOM-RUEF500 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
RUEF500-1 LITTELFUSE-RUEF500-1 Datasheet
340Kb / 2P
   Specification Status: Released
More results

Similar Description - RUEF500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ASMD030F-2 MACOM-ASMD030F-2 Datasheet
101Kb / 1P
   Specification Status: Released
FEMTOSMDC016F-02 MACOM-FEMTOSMDC016F-02 Datasheet
107Kb / 1P
   Specification Status: Released
logo
Littelfuse
LVM2P-015R10431 LITTELFUSE-LVM2P-015R10431 Datasheet
90Kb / 2P
   Specification Status: Released
LVR100K-240 LITTELFUSE-LVR100K-240 Datasheet
428Kb / 3P
   Specification Status: Released
RUEF900 LITTELFUSE-RUEF900 Datasheet
338Kb / 2P
   Specification Status: Released
RUEF250U LITTELFUSE-RUEF250U Datasheet
155Kb / 2P
   Specification Status: Released
RUSBF110 LITTELFUSE-RUSBF110 Datasheet
348Kb / 2P
   Specification Status: Released
logo
Tyco Electronics
LVR005S MACOM-LVR005S Datasheet
85Kb / 2P
   Specification Status RELEASED
RUEF250U MACOM-RUEF250U Datasheet
85Kb / 1P
   Specification Status Released
logo
Littelfuse
MINISMDC200F LITTELFUSE-MINISMDC200F Datasheet
284Kb / 2P
   Specification Status: Released
RUEF500K LITTELFUSE-RUEF500K Datasheet
328Kb / 2P
   Specification Status: Released
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com