Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TW11 Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-TW11
Description  10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW11 Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-TW11 Datasheet HTML 1Page - IC-Haus GmbH IC-TW11 Datasheet HTML 2Page - IC-Haus GmbH IC-TW11 Datasheet HTML 3Page - IC-Haus GmbH IC-TW11 Datasheet HTML 4Page - IC-Haus GmbH IC-TW11 Datasheet HTML 5Page - IC-Haus GmbH IC-TW11 Datasheet HTML 6Page - IC-Haus GmbH IC-TW11 Datasheet HTML 7Page - IC-Haus GmbH IC-TW11 Datasheet HTML 8Page - IC-Haus GmbH IC-TW11 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
preliminary
preliminary
iC-TW11 10-BIT ULTRA LOW POWER
MAGNETIC ABSOLUTE ROTARY ENCODER
Rev B1, Page 5/25
PACKAGE DIMENSIONS QFN16 4x4
4
2
TOP
2.70
0.65
0.27
BOTTOM
SIDE
R0.175
2.70
3.90
0.65
0.35
RECOMMENDED PCB-FOOTPRINT
dra_qfn16-4x4-2_tw11_c2_pack_1, 15:1
All dimensions given in mm. Tolerances of form and position according to JEDEC MO-220.
Positional tolerance of sensor pattern: ±0.1mm / ±1° (with respect to backside pad).


Similar Part No. - IC-TW11

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
More results

Similar Description - IC-TW11

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5050 AMSCO-AS5050_07 Datasheet
597Kb / 25P
   Low Power 10-Bit Magnetic Rotary Encoder
AS5050 AMSCO-AS5050 Datasheet
588Kb / 22P
   Low Power 10-Bit Magnetic Rotary Encoder
AS5055 AMSCO-AS5055 Datasheet
1,023Kb / 26P
   Low Power 12-Bit Magnetic Rotary Encoder
AS5030 AMSCO-AS5030 Datasheet
283Kb / 3P
   8-BIT PROGRAMMABLE HIGH SPEED ABSOLUTE MAGNETIC ROTARY ENCODER
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
logo
Omron Electronics LLC
E6F-A OMRON-E6F-A Datasheet
84Kb / 2P
   Absolute Rotary Encoder
E6C2-A OMRON-E6C2-A Datasheet
215Kb / 16P
   Absolute Rotary Encoder
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
   12-Bit Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com