Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PVL Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-PVL
Description  LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PVL Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-PVL Datasheet HTML 5Page - IC-Haus GmbH IC-PVL Datasheet HTML 6Page - IC-Haus GmbH IC-PVL Datasheet HTML 7Page - IC-Haus GmbH IC-PVL Datasheet HTML 8Page - IC-Haus GmbH IC-PVL Datasheet HTML 9Page - IC-Haus GmbH IC-PVL Datasheet HTML 10Page - IC-Haus GmbH IC-PVL Datasheet HTML 11Page - IC-Haus GmbH IC-PVL Datasheet HTML 12Page - IC-Haus GmbH IC-PVL Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
preliminary
preliminary
iC-PVL LINEAR/OFF-AXIS
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev B3, Page 9/33
OPERATING REQUIREMENTS: Serial and Parallel Interface
Operating conditions:
VDD = 3.0...5.5 V, VBAT < VDD + 1.0 V, Tj = -40...125 °C, fslow calibrated to 34 kHz with IBIAS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
Serial Interface Mode (SSI or Chain Mode if Applicable)
I001 twait
SSI Request after VDD Power-on
10
µs
I002 treq
Request Signal lo Level Duration
50
ns
I003 tC
Permissible Clock Period
due to Elec. Char. B02
0.25
2·tout
µs
I004 fC
Permissible Clock Frequency
due to Elec. Char. B02
1/(2·tout)
10
MHz
I005 tL1
Clock Signal hi Level Duration
50
ns
I006 tL2
Clock Signal lo Level Duration
50
ns
I007 tframe
Cyclic Multiturn Data Frame Request
Interval
85
µs
I008 tS
Setup Time:
Data stable before clock edge hi → lo
refer to Fig. 2
30
ns
I009 tH
Hold Time:
Data stable after clock edge hi → lo
refer to Fig. 2
30
ns
I2C Slave Mode Direct Access
I010 twait
I2C Request after VDD Power-on
10
µs
I011 fscl
Permissible Input Clock Frequency
I2C standard mode with timeout Elec. Char.
B02
1/(2·tout)
100
kHz
Parallel Encoder Mode (SEL = High)
I012 tstart
Length of Start Pulse on PRE Pin
see Figure 11 on Page 21
1
µs
I013 tcycle
Time Between Two Consecutive Sensor
Read Cycles
see Figure 11 on Page 21
30
µs
CLK
DO
REQ
t
req
MT MSB
t
L1
t
L2
t
p
t
c
t
out
Sync 2
Sync 0
NERR
NWRN
t
frame
Sync 1
Absolute Data Multiturn
(Synchronization)
(Error + Warning)
Timeout
PARITY
(Parity)
...
MT LSB
...
PCR 7
(Period Count per Revolution)
PCR 0
Figure 1: I/O line signals of the serial interface in SSI mode (INT_MODE = 0)
CLK
DO
MT MSB
MSB-1
MSB-2
...
MT LSB
t
c
ST MSB
DIN
t
frame
DIN
DI
ST MSB
MSB-1
...
ST LSB
ST LSB
t
p
DIN
DIN
t
out
NSL
to iC-LNB/LNG only
Sample ST MSB
for synchronisation
(first CLK rising edge)
t
S
t
H
Figure 2: I/O line signals of the serial interface in chain mode (INT_MODE = 1).


Similar Part No. - IC-PVL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PV ICHAUS-IC-PV Datasheet
4Mb / 28P
   BATTERY-BUFFERED HALL MULTITURN ENCODER
More results

Similar Description - IC-PVL

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PV ICHAUS-IC-PV Datasheet
4Mb / 28P
   BATTERY-BUFFERED HALL MULTITURN ENCODER
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
   3D Hall Position Sensor for Linear and Off-Axis Applications
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
logo
Pepperl+Fuchs Inc.
PVM58X PF-PVM58X Datasheet
489Kb / 5P
   Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
   Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
   Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
   Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
   Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
   Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com