Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MU Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-MU
Description  MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MU Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-MU Datasheet HTML 5Page - IC-Haus GmbH IC-MU Datasheet HTML 6Page - IC-Haus GmbH IC-MU Datasheet HTML 7Page - IC-Haus GmbH IC-MU Datasheet HTML 8Page - IC-Haus GmbH IC-MU Datasheet HTML 9Page - IC-Haus GmbH IC-MU Datasheet HTML 10Page - IC-Haus GmbH IC-MU Datasheet HTML 11Page - IC-Haus GmbH IC-MU Datasheet HTML 12Page - IC-Haus GmbH IC-MU Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
iC-MU MAGNETIC OFF-AXIS
POSITION ENCODER - POLE WIDTH 1.28MM
Rev D1, Page 9/66
ELECTRICAL CHARACTERISTICS
Operating conditions: VPD = VPA = 5 V ±10%, Tj = -40. . . 125°C, IBP calibrated to 200 µA, reference is VNA = VND,
unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
503 GX
Adjustable Gain(SIN)/Gain(COS) GX_x = 0x00
0
%
GX_x = 0x3F
9
10
%
GX_x = 0x7F
-9
-8.5
%
504 VOS
Adjustable Offset Calibration
VOS_x = 0x3F
60
70
mV
VOS_x = 0x7F
-70
-60
mV
505 PHM
Adjustable Phase Calibration
Master Track
PH_M = 0x3F
6
7
°
PH_M = 0x7F
-7
-6
°
506 PHN
Adjustable Phase Calibration
Nonius Track
PH_N = 0x3F
11.25
13
°
PH_N = 0x7F
-13
-11.25
°
507 Vampl
Signal Level Controller
chip internally, Vampl =
Vpp(PSINx)+Vpp(NSINx), ENAC = 1
3.2
4
4.8
Vpp
508 Vae()lo
Signal Monitoring Threshold lo
Vae()lo = Vpp(PSINx)+Vpp(NSINx)
1.2
2.8
Vpp
509 Vae()hi
Signal Monitoring Threshold hi
Vae()hi = Vpp(PSINx)+VPP(NSINx)
5
6.3
Vpp
Sine-To-Digital Conversion
601 Aabs
Absolute Angular Accuracy
ideal input signals, reference to 12 Bit of sine
period
2
LSB
602 Arel
Relative Angular Accuracy
FILT = 0x2
2
LSB
FILT = 0x7
1/4
LSB
ideal input signals, reference to 12 Bit of sine
period, f = 1 KHz
Nonius Calculation
701 Pnon
Permissible Track deviation
Master vs. Nonius
16 periods, MPC = 0x4
10
DEG
32 periods, MPC = 0x5
5
DEG
64 periods, MPC = 0x6
2.5
DEG
referenced to 360° of Master sine period
Digital Output Port PA1..3, MTC, SCL, SDA
801 Vs()hi
Saturation Voltage hi Pins PA1..3,
MTC
Vs()hi = V(VPD) - V(), I() = -4 mA
0.4
V
802 Vs()lo
Saturation Voltage lo
I() = 4 mA versus VND
0.4
V
803 Isc()hi
Short-Circuit Current hi Pins
PA1..3, MTC
V() = V(VND), 25 °C
-90
-50
mA
804 Isc()lo
Short-Circuit Current lo
V() = V(VPD), 25 °C
50
90
mA
805 tr()
Rise Time
CL = 50 pF
60
ns
806 tf()
Fall Time
CL = 50 pF
60
ns
807 Ilk(PA3)
Leakage Current at PA3
MODEA=0, PA0 = hi
-5
5
µA
808 f(SCL)
Frequency at SCL
normal mode
80
kHz
during start-up
70
kHz
Digital Input Port PA0..2, MTD, SCL, SDA
901 Vt()hi
Threshold Voltage hi
2
V
902 Vt()lo
Threshold Voltage lo
0.8
V
903 Vt()hys
Hysteresis
Vt()hys = Vt()hi - Vt()lo
150
mV
904 Ipu()
Pull-Up Current Pins PA0..2,
MTD
V() = 0 V . . . V(VPD)-1 V
-60
-30
-6
µA
905 Ipu()
Pull-Up Current Pins SCL, SDA
V() = 0 V . . . V(VPD)-1 V
-800
-300
-80
µA
906 f()
Permissible Input Frequency
10
MHz
Analog/Digital Output Port PB0..3
A01 I()buf
Analog Driver Current
-1
1
mA
A02 fg()ana
Analog Bandwidth
100
kHz
A03 Isc()hi,ana Analog Short-Circuit Current hi
V() = V(VND)
-1.5
mA
A04 Isc()lo,ana Analog Short-Circuit Current lo
V() = V(VPD)
1.5
mA
A05 Rout(),ana Output Resistor, Analog Mode
I() = 1 mA
500
A06 Vs()hi,dig
Digital Saturation Voltage hi
Vs() = V(VPD) - V(), I() = -4 mA
0.5
V
A07 Vs()lo,dig
Digital Saturation Voltage lo
I() = 4 mA
0.5
V
A08 Isc()hi,dig
Short-Circuit Current hi
V() = V(VPD)
-60
-35
mA


Similar Part No. - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
IC-MU ICHAUS-IC-MU Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
More results

Similar Description - IC-MU

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MU150 ICHAUS-IC-MU150 Datasheet
2Mb / 64P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.50MM
IC-MU200 ICHAUS-IC-MU200 Datasheet
2Mb / 65P
   MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 2.00MM
IC-MU ICHAUS-IC-MU Datasheet
402Kb / 2P
   Magnetic off-axis absolute position encoder
IC-MU ICHAUS-IC-MU_13 Datasheet
2Mb / 59P
   OFF-AXIS NONIUS ENCODER WITH INTEGRATED HALL SENSORS
IC-PVL ICHAUS-IC-PVL Datasheet
1Mb / 33P
   LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
logo
ams AG
AS5147 AMSCO-AS5147 Datasheet
739Kb / 35P
   14-Bit On-Axis Magnetic Rotary Position Sensor
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
   Magnetic Rotary Encoder 14-bit Angular Position Sensor
AS5600L AMSCO-AS5600L Datasheet
1Mb / 48P
   12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
2020-May-14
logo
Broadcom Corporation.
AEAT-9922 BOARDCOM-AEAT-9922 Datasheet
1Mb / 25P
   10-Bit to 18-Bit Programmable Angular Magnetic Encoder IC for On- and Off-Axis Applications
July 27, 2021
logo
ams AG
AS5020 AMSCO-AS5020 Datasheet
338Kb / 11P
   6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com