Electronic Components Datasheet Search |
|
IC-MU Datasheet(PDF) 7 Page - IC-Haus GmbH |
|
IC-MU Datasheet(HTML) 7 Page - IC-Haus GmbH |
7 / 66 page iC-MU MAGNETIC OFF-AXIS POSITION ENCODER - POLE WIDTH 1.28MM Rev D1, Page 7/66 ABSOLUTE MAXIMUM RATINGS Maximum ratings do not constitute permissible operating conditions; functionality is not guaranteed. Exceeding the maximum ratings can damage the device Item Symbol Parameter Conditions Unit No. Min. Max. G001 V() Voltage at VPA, VPD -0.3 6 V G002 I() Current in VPA -10 20 mA G003 I() Current in VPD -10 100 mA G004 V() Voltage at all pins except VPD -0.3 VPD+0.3 V G005 I() Current in all I/O pins DC current -10 10 mA Pulse width < 10 µs -100 100 mA G006 Vd() ESD Susceptibility at all pins HBM, 100 pF discharged through 1.5 kΩ 2 kV G007 Ptot Permissible Power Dissipation 400 mW G008 Tj Chip-Temperature -40 150 °C G009 Ts Storage Temperature Range -40 150 °C THERMAL DATA Operating conditions: VPA = VPD = 5 V ±10% Item Symbol Parameter Conditions Unit No. Min. Typ. Max. T01 Ta Operating Ambient Temperature Range -40 110 °C T02 Rthja Thermal Resistance Chip to Ambient DFN16 Surface mounted, Thermal-Pad soldered to approx. 2 cm2 copper area on the PCB 40 K/W All voltages are referenced to ground (pin VND = VNA) unless otherwise stated. All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative. |
Similar Part No. - IC-MU |
|
Similar Description - IC-MU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |