Electronic Components Datasheet Search |
|
WEBR2119FYGS-D Datasheet(PDF) 6 Page - DDK Ltd. |
|
WEBR2119FYGS-D Datasheet(HTML) 6 Page - DDK Ltd. |
6 / 8 page Unit:mm http://www.ddknet.co.jp WEB Series 6 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○WEBR(Box Receptacle) Shell Size Number of Contacts Part Number φ A φ B C D V 13 3WEBR13 03 □□□□ -D 16 18 20 26 M16 5 WEBR1305 □□□□ -D 16 18 20 26 M16 16 7 WEBR1607 □□□□ -D 20 22 2329 M20 10 WEBR1610 □□□□ -D 20 22 2329 M20 21 4 WEBR2104 □□□□ -D 24 26 26 32 M24 7 WEBR2107 □□□□ -D 24 26 26 32 M24 10 WEBR2110 □□□□ -D 24 26 26 32 M24 16 WEBR2116 □□□□ -D 24 26 26 32 M24 19 WEBR2119 □□□□ -D 24 26 26 32 M24 25 16 WEBR2516 □□□□ -D 28 30 29 35 M28 24 WEBR2524 □□□□ -D 28 30 29 35 M28 28 WEBR2528 □□□□ -D 28 30 29 35 M28 32 WEBR2532 □□□□ -D 28 30 29 35 M28 23 2 10.5 5 ‥ 1 3 4 5 10 14 021-016 2 67 89 11 12 13 15 16 Y X Z D C 4-φ3.2 (Complete Thread Length) V Thread WEBR2524M □ GS -D ① Connector Style R : Box Receptacle ② Shell Size 13, 16, 21 and 25 ③ Number of Contacts 03, 04, 05, 07, 10, 16, 19, 24, 28 and 32 ④ Contact Style M : Male Contact(Pin) F : Female Contact(Socket) ⑤ Alternate Insert Position Omit : Standard Position X, Y, Z : Alternate Insert Position ⑥ Contact Plating Omit : Silver Plating (Standard) G : Gold Plating ⑦ Flange Gasket Omit:Less Gasket S:With Gasket(R and WR Only) ⑧ Finish D:Trivalent Chromium Treatment (Black) ①② ③ ④ ⑤ ⑥ ⑦ ⑧ |
Similar Part No. - WEBR2119FYGS-D |
|
Similar Description - WEBR2119FYGS-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |