Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS30S45CT-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CS30S45CT-A
Description  30A MOS Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CS30S45CT-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CS30S45CT-A Datasheet HTML 1Page - Chip Integration Technology Corporation CS30S45CT-A Datasheet HTML 2Page - Chip Integration Technology Corporation CS30S45CT-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Suffix "G" indicates Halogen-free part, ex.CS30S4
G-A.
5CT
Lead free in compliance with EU RoHS.
CS30S45CT-A
I
O
I
F S M
I
R R M
T
S T G
Forward rectified current
Forward surge current
Typical Thermal resistance (per diode)
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
UNIT
-55 ~ +150
30
320
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
2
Forward voltage drop
Reverse current
Parameter
Working peak reverse voltage
V
RW M
V
CS30S45CT-A
45
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 15A, T = 25 C
F
J
O
I = 15A, T = 125 C
F
J
410
470
Document ID : DS-11KAJ
Revised Date : 2016/12/19
Revision : C7
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Chip Integration Technology Corporation
30A MOS Schottky Rectifier
Main Product Characteristics
I
F ( AV )
2x15A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.41V
■ Outline
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C
PIN 1
PIN 3
PIN 2
Dimensions in inches and (millimeters)
O C/W
50
R
θ J A
Junction to ambient
T
J
Operating Junction temperature
-55 ~ +150
O C
O
I = 0.5mA, T = 25 C
R
J
45
V
B R
V
Reverse Breakdown Voltage (per diode)
O
I = 3A, T = 25 C
F
J
330


Similar Part No. - CS30S45CT-A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
143Kb / 2P
   Surface Mount Schottky-Bridge Rectifiers
logo
Semikron International
CS30S SEMIKRON-CS30S Datasheet
200Kb / 2P
   Bridge rectifiers
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
115Kb / 2P
   Surface Mount Schottky-Bridge-Rectifiers
logo
Semikron International
CS30S SEMIKRON-CS30S Datasheet
204Kb / 2P
   Bridge rectifiers
logo
Diotec Semiconductor
CS30S DIOTEC-CS30S Datasheet
135Kb / 2P
   ?쏶lim??Profile Surface Mount Schottky-Bridge-Rectifiers
More results

Similar Description - CS30S45CT-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF30S60CT-A CITC-CSF30S60CT-A Datasheet
145Kb / 3P
   30A MOS Schottky Rectifier
CSF30L45CT-A CITC-CSF30L45CT-A Datasheet
506Kb / 3P
   30A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR30L30CT PFC-PFR30L30CT Datasheet
772Kb / 7P
   30A 30V MOS Schottky Rectifier
PFR3045CT PFC-PFR3045CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060PT PFC-PFR3060PT Datasheet
660Kb / 6P
   30A 60V MOS Schottky Rectifier
PFR30150CT PFC-PFR30150CT Datasheet
775Kb / 7P
   30A 150V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
   30A 45V MOS Schottky Rectifier
PFR30A45PT PFC-PFR30A45PT Datasheet
663Kb / 6P
   30A 45V MOS Schottky Rectifier
PFR30L45CT PFC-PFR30L45CT Datasheet
774Kb / 7P
   30A 45V MOS Schottky Rectifier
PFR3060CT PFC-PFR3060CT Datasheet
772Kb / 7P
   30A 60V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com