Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEBR1603MXGS-D Datasheet(PDF) 2 Page - DDK Ltd.

Part # WEBR1603MXGS-D
Description  Waterproof Circular Connectors for Solder Terminations Meeting IP67
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

WEBR1603MXGS-D Datasheet(HTML) 2 Page - DDK Ltd.

  WEBR1603MXGS-D Datasheet HTML 1Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 2Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 3Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 4Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 5Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 6Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 7Page - DDK Ltd. WEBR1603MXGS-D Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.ddknet.co.jp
WEB Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○ Insert Arrangement List
Number of Contacts
3
4
5
7
Shell Size
13
21
13
16
21
Insert Arrnagement
Insert No.
1303
2104
1305
1607
2107
θ 1
θ 2
θ 3
XY
Z
13
3
30 ゜
60°
180°
5
45°
90°
315°
16
7
30°
135°
10
45°
90°
315°
21
4
30°
135°
7
30°
135°
10
45°
90°
315°
16
45°
90°
315°
19
45°
90°
315°
25
16
45°
90°
315°
24
45°
90°
315°
28
45°
90°
315°
32
45°
90°
315°
Number of Contacts
24
28
32
Shell Size
25
25
25
Insert Arrnagement
Insert No.
2524
2528
2532
●・・・φ 1.0mm Contact (#20 Contact)  ○・・・φ 1.6mm Contact (#16 Contact)
Note : Front view of pin insert or rear view of socket insert
Normal key position illustrated.
Shell
Size
Number of
Contacts
Change Angle
-
6
0
1 0
0
1
θ3
Z
Y
X
θ1
12
3
45
6
7
89
10
Master Key
Alternate Position Mark
Pin Contact
○Alternate Insert Positions
1
3
2
1
3
4
2
4
1
3
5
2
4
12 3
56 7 8 9
14 15 16
10 11 12 13
4
1
35
6 7
2
4
12
3
56
7
8
9
14 15 16
10 11 12 13
1
3
4
67
5
2
12 3
4 56 7
8 9 10 11 12
14 15 16
13
18 19
17
4
1
56 7
2 3
89 10
A
BC
D
14
23
21
24
22 23
10
11
14
15
12
13
58
9
67
16
19 20
18
17
14
21
24
58 9
10 11
14 15
16
19 20
23
22 23
67
12 13
18
17
4
1
567
23
89
10
1
4
2
31 32
3
21
24 25
22 23
10 11
14 15
12 13
5
8 9
67
27
26
28 29 30
16
19
20
18
17
Number of Contacts
10
16
19
Shell Size
16
21
21
25
21
Insert Arrnagement
Insert No.
1610
2110
2116
2516
2119
Front View of Pin Insert or
Rear View of Socket Insert
AIternate
Insert
Position


Similar Part No. - WEBR1603MXGS-D

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WEBCARDLX TRIPPLITE-WEBCARDLX Datasheet
171Kb / 3P
   Web Management Accessory Card
WEBCARDLXE TRIPPLITE-WEBCARDLXE Datasheet
44Kb / 2P
   WEBCARDLXE Network Management Card for Select UPS Systems
logo
List of Unclassifed Man...
WEBDAQ-316 ETC-WEBDAQ-316 Datasheet
3Mb / 7P
   Internet Enabled Thermocouple Data Logger
January 2020. Rev 5
WEBDAQ-904 ETC-WEBDAQ-904 Datasheet
3Mb / 9P
   Internet Enabled Universal Input Logger
June 2020. Rev 1
WEBDAQ316 ETC-WEBDAQ316 Datasheet
3Mb / 7P
   Internet Enabled Thermocouple Data Logger
January 2020. Rev 5
More results

Similar Description - WEBR1603MXGS-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
EBSP1303MXG-D DDK-EBSP1303MXG-D Datasheet
281Kb / 6P
   Moistureproof Circular Connectors for Solder Terminations Meeting IP55
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
   Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Lumberg
0250 LUMBERG-0250 Datasheet
350Kb / 3P
   Quicklock circular connectors, IP67
029020 LUMBERG-029020 Datasheet
300Kb / 3P
   Quicklock circular connectors, IP67
0251 LUMBERG-0251 Datasheet
465Kb / 3P
   Quicklock circular connectors, IP67
0272 LUMBERG-0272 Datasheet
458Kb / 3P
   Quicklock circular connectors, IP67
0274 LUMBERG-0274 Datasheet
525Kb / 3P
   Quicklock circular connectors, IP67
029012 LUMBERG-029012 Datasheet
233Kb / 3P
   Quicklock circular connectors, IP67
025528 LUMBERG-025528 Datasheet
611Kb / 3P
   Quicklock circular connectors, IP67
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com