Part Name
         Description
NTE1757

 Integrated Circuit Remote Control Receiver ( 3 Page)


NTE
100% 
Zoom Out Zoom In
   
 3 page
background image
Notes:
1. Control Mode 1: Direct Response to the PPM Code
2. Control Mode 2: ZZ is a 2 bit address for the receiver
YY selects one of 4 outputs
YY
OUTPUT
00
A
01
B
10
c
11
D
3. Control Mode 3: ZZZZ is a 4 bit address that selects, by which of 16PPM codes a receiver will be selected.
If PPM bit e = “1”, the rest of that PPM word will be read as data. If PPM bit e = “0”, the rest of that PPM word will be
read as an address.
Pin Connection Diagram
VCC
VDD
C
Data Ready
Output Enable
E
Power ON Clear
1
2
3
4
OSC Time Constant
PPM Input
C0
C1
5
C2
6
C3
7
C4
8
C5
18
17
16
15
A
B
14
13 D
12
11
9
10
Control Inputs
Binary Outputs
.870 (22.1) Max
.800 (20.3)
.125 (3.17) Min
.100 (2.54)
.250
(6.35)
.150
(3.8)
19
18
10



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1738Integrated Circuit TV Remote Control Receiver 1 2 3 NTE Electronics
NTE1682Integrated Circuit Pre-Amplifier Circuit for Remote Control Signal Receivers 1 2 NTE Electronics
NTE7013Integrated Circuit Remote Control Preamp with Active “Low” 1 2 NTE Electronics
NTE1758Integrated Circuit CMOS 27 Command TV Remote Control Transmitter 1 2 3 NTE Electronics
NTE1759Integrated Circuit PMOS 26 Command TV Remote Control Reciever 1 2 NTE Electronics
NTE1761Integrated Circuit Infrared Remote Control Preamp 1 2 3 NTE Electronics
NTE15004Integrated Circuit Remote Control Preamplifier 1 2 NTE Electronics
NTE1714MIntegrated Circuit Remote Control Amplifier/Detector 1 2 NTE Electronics
NTE1714SIntegrated Circuit Remote Control Amplifier/Detector 1 2 NTE Electronics
NTE1791Integrated Circuit TV Remote Control Amplifier 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl