Electronic Components Datasheet Search |
|
WEBCR2504MYG-1-D Datasheet(PDF) 7 Page - DDK Ltd. |
|
WEBCR2504MYG-1-D Datasheet(HTML) 7 Page - DDK Ltd. |
7 / 8 page Unit:mm http://www.ddknet.co.jp WEB Series 7 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. ○WEBR/WEBWR Panel Mounting and Cutout Dimensions Y min. Panel Cutout for Two Connectors of Same Shell Size Front Mounting:φM1 min. Rear Mounting: φM2 min. 8-φ3.5±0.2 E Shell Size Mounting Hole Pitch Front Mounting Diameter Rear Mounting Diameter Serial Mounting Pitch E ±0.2 M1(min.) M2(min.) Y(min.) 13 20 17 19 42 16 23 21 23 46 21 26 25 27 50 25 29 29 31 54 Note:The panel thickness for the rear mounting is as follows. Connector without Gasket : 3 mm max. Connector with Gasket : 2 mm max. Panel (Rear of Panel) (Front of Panel) Mating Face Front Mounting Rear Mounting |
Similar Part No. - WEBCR2504MYG-1-D |
|
Similar Description - WEBCR2504MYG-1-D |