Electronic Components Datasheet Search |
|
M40S-043000AR0 Datasheet(PDF) 6 Page - SICK AG |
|
M40S-043000AR0 Datasheet(HTML) 6 Page - SICK AG |
6 / 8 page A B C D E F H I J K L M N O P Q R S T M40S-043000AR0, M40E-043020RT0 | M4000 Standard MULTIPLE LIGHT BEAM SAFETY DEVICES Number of beams Beam separation S1 L1 L2 500 (19.69) 643 (25.31) 672 (26.46) 2 600 (23.62) 743 (29.25) 772 (30.39) 220 (8.66) 583 (22.95) 612 (24.09) 400 (15.75) 943 (37.13) 972 (38.27) 3 450 (17.72) 1,043 (41.06) 1,072 (42.20) 220 (8.66) 803 (31.61) 832 (32.76) 4 300 (11.81) 1,043 (41.06) 1,072 (42.20) 5 1,023 (40.28) 1,052 (41.42) 6 1,243 (48.94) 1,272 (50.08) 7 1,462 (57.56) 1,491 (58.70) 8 220 (8.66) 1,682 (66.22) 1,711 (67.36) Connection diagram M4000 Standard connected to UE10-3OS safety relay 0 V 2) PELV M4000R Standard +24 V 4 GND FE n.c. 7 SH BU 6 n.c. Test n.c. n.c. 1 3 5 +24 V 2 BN GR 5 PK BU SH FE 6 7 WH YE +24 V OSSD2 FE GND OSSD1 RES EDM ADO 4 3 1 BN 2 UE10-3OS 1) S1 M4000S Standard GN H3 B1 B3 Y1 13 23 33 41 B2 B4 Y2 14 24 34 42 E119914/00/2014-07-29 Task Connection of an M4000 Standard multiple light beam safety device to a UE10-3OS safety relay. Operating mode: with restart interlock and external device monitoring. Operating characteristics When the light path is clear and the UE10-3OS is de-energized and functioning correctly, the yellow LED on the receiver and the H3 lamp flash. The system is ready for switch-on and waits for an input signal/switch-on signal. The system is enabled by pressing and releasing the S1 button. The OSSD1 and OSSD2 outputs are live, the UE10-3OS is switched on. On interruption of one or several of the light beams, the UE10-3OS is de-energized by the OSSD1 and OSSD2 outputs. Fault analysis OSSD cross-circuits and short-circuits are detected and lead to the inhibited state (lock-out). The erroneous behavior of the UE10-3OS will be detected. The shutdown function is retained. On manipulation (e.g., jamming) of the S1 button, the system does not enable the output current circuits. Comments 1) Output circuits: These contacts are to be connected to the controller such that, with the output circuit open, the dangerous state is disabled. For categories 4 and 3, this integration must be dual-channel (x/y paths). Single-channel insertion in the control (z path) is only possible with a single-channel control and by taking the risk analysis into account. 2) PELV in accordance with the requirements in EN 60204-1 / 6.4 Take note of the operating instructions of the integrated devices. 6 OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK Online data sheet | 2017-08-24 18:11:25 Subject to change without notice |
Similar Part No. - M40S-043000AR0 |
|
Similar Description - M40S-043000AR0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |