Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200036 Datasheet(PDF) 2 Page - SICK AG

Part # 1200036
Description  MULTIPLE LIGHT BEAM SAFETY DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1200036 Datasheet(HTML) 2 Page - SICK AG

  1200036 Datasheet HTML 1Page - SICK AG 1200036 Datasheet HTML 2Page - SICK AG 1200036 Datasheet HTML 3Page - SICK AG 1200036 Datasheet HTML 4Page - SICK AG 1200036 Datasheet HTML 5Page - SICK AG 1200036 Datasheet HTML 6Page - SICK AG 1200036 Datasheet HTML 7Page - SICK AG 1200036 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
M40S-034500AR0, M40E-034520RR0 | M4000 Standard
MULTIPLE LIGHT BEAM SAFETY DEVICES
Ordering information
System part
Type
Part no.
Sender
M40S-034500AR0
1200004
Receiver
M40E-034520RR0
1200036
Other models and accessories
www.sick.com/M4000_Standard
Detailed technical data
Features
Scanning range
0.5 m ... 70 m, configurable
Low scanning range
0.5 m ... 20 m
Great scanning range
9 m ... 70 m
Number of beams
3
Beam separation
450 mm
Response time
10 ms
Synchronization
Optical synchronisation
End cap with integrated LED
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
6.6 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Functions
Functions
Delivery status
Restart interlock
Internal
External device monitoring (EDM)
Activated
Beam coding
Uncoded
Sender test
Deactivated
Configurable scanning range
0.5 m ... 20 m
Configurable application diagnostic output
Contamination (OWS)
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-24 18:11:25
Subject to change without notice


Similar Part No. - 1200036

ManufacturerPart #DatasheetDescription
logo
SICK AG
1200030 SICK-1200030 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1200031 SICK-1200031 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1200032 SICK-1200032 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1200033 SICK-1200033 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
1200034 SICK-1200034 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results

Similar Description - 1200036

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-02150A122 SICK-M20E-02150A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02250A120 SICK-M20E-02250A120 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A222 SICK-M20E-03140A222 Datasheet
1Mb / 6P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-025013RB0 SICK-M40E-025013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026013RB0 SICK-M40E-026013RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-026033RB0 SICK-M40E-026033RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-032223RB0 SICK-M40E-032223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A122 SICK-M20E-04230A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072220RT0 SICK-M40E-072220RT0 Datasheet
1Mb / 8P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M40E-072223RB0 SICK-M40E-072223RB0 Datasheet
2Mb / 9P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-091A3A122 SICK-M20E-091A3A122 Datasheet
1Mb / 7P
   MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com