Electronic Components Datasheet Search |
|
WEBCR1304MXG-1-D Datasheet(PDF) 1 Page - DDK Ltd. |
|
WEBCR1304MXG-1-D Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 8 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated. WEB series is a waterproof connector which meets Class IP67 protection against water and dust when mated. The insert arrangements for this series are the same as those of our JM series connectors with the threaded coupling design. WEB series has a bayonet coupling design to be suitable for applications requiring quick positive coupling. WEB Series Waterproof Circular Connectors for Solder Terminations Meeting IP67 RoHS Compliant RoHS Compliant Item Material/Finish Insert Synthetic Resin / Blue Contact Copper Alloy / Silver Plating or Gold Plating Shell Zinc Alloy / Zinc Plating, Trivalent Chromium Treatment(Black) Cable Clamp Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black) Bushing Synthetic Rubber / Black Protection Cap Synthetic Rubber / Black, Aluminum Alloy / Zinc Plating, Trivalent Chromium Treatment(Black) Zinc Alloy / Zinc Plating, Trivalent Chromium Treatment(Black) Contact Size #20 Contact #16 Contact Male Contact Diameter 1.0mm 1.6mm Rated Voltage 250V AC(r.m.s.) or 350V DC Rated Current 5A / contact 10A / contact Applicable Cable Conductor Diameter 1.0mm max. 1.5mm max. Nominal Sectional Area 0.5mm2 max. 1.25mm2 max. Reference Wire Size AWG #20 max. AWG #16 max. Operating Temperature - 25℃ to + 85℃ Insulation Resistance 1,000MΩ (min.) at 500V DC. Dielectric Withstanding Voltage 1,000V AC(r.m.s.) at 1 minute. Contact Resistance 5m Ω max. Waterproof Rating IP67 (Mated condition) Vibration Amplitude : 10-55H / 1.5mm Shock Acceleration 50G. Durability 500 cycles Humidity(Stable Condition) 40℃ , 90-95% , 96 hours Heat Cycle - 40℃ to + 100℃ , 5 cycles Salt Spray 5% , 35℃ , 48hours 121105 Waterproof IP67 Lock Type Bayonet 1. Bayonet Coupling This series has a bayonet coupling design. The click sound after rotating the coupling ring gives you the indication of full coupling. 2. 5 Keys to Prevent Mismating The shell has five keys. Alternate insert positions eliminate the connector mismating if more than one connector with the same size and arrangement is to be used in a system. The insulator is permanently positioned in the shell so that only a connector with the same degree of rotation can be mated with it. 3. Quick and Easy Termination The contacts are preloaded in the connector. The solder cups are oriented in one direction to simplify termination. 4. UL UL Approved : File No E72124 Safety Standard UL OUTLINE FEATURE SPECIFICATIONS MATERIAL / FINISH Note: AWG wire sizes for reference only. |
Similar Part No. - WEBCR1304MXG-1-D |
|
Similar Description - WEBCR1304MXG-1-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |