Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9301 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC9301
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9301 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC9301 Datasheet HTML 2Page - Torex Semiconductor XC9301 Datasheet HTML 3Page - Torex Semiconductor XC9301 Datasheet HTML 4Page - Torex Semiconductor XC9301 Datasheet HTML 5Page - Torex Semiconductor XC9301 Datasheet HTML 6Page - Torex Semiconductor XC9301 Datasheet HTML 7Page - Torex Semiconductor XC9301 Datasheet HTML 8Page - Torex Semiconductor XC9301 Datasheet HTML 9Page - Torex Semiconductor XC9301 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
XC9301/9302
Series
602
6
■Operational Explanation
Ramp Wave
OSC
Error Amp.
Comparator
Buffer,
Driver
PWM/PFM
Controller
Compensation
VOUT
CE
Vref with
Soft Start,
+
-
+
-
Generator,
PWM
Phase
CE
GND
EXT/
VDD
<Block Diagram>
CE
CL
SD1
L
VOUT
VIN
CIN
SD2
PSW
NSW
VOUT
GND
EXT
VIN
CE
<Circuit Connection Example>
The XC9301/9302 series are PWM (PWM/PFM switching) step-up/down DC/DC converter controller ICs. The XC9302 series switches to PFM
operations during light loads and is very efficient over a wide range in relation to load. Further, the efficiency can be maintained over a wide
input voltage range as both step-up & step-down operations are PWM controlled. Output voltage settings are laser trimmed.
[ON TIME]
P-Ch MOSFET (PSW) = ON, N-Ch MOSFET (NSW) = ON : Current flows from VIN via PSW, L, NSW, to GND : L is charged.
[OFF TIME]
P-Ch MOSFET (PSW) = OFF, N-Ch MOSFET (NSW) = OFF : Current flows from GND via SD1, L, SD2, to VOUT : VOUT rises due to the charge
stored at L.
By comparing VOUT with the internal reference voltage, the ON TIME vs OFF TIME ratio can be regulated & output stability can be protected.
■Block Diagram Explanation
<Error Amp.>
The error amplifier is used as an output voltage monitor. It compares the reference voltage with the feedback from the voltage divided by the
internal resistor. Should a voltage higher than the reference voltage be fedback, the output of the error amp will increase.
<PWM Comparator>
The PWM comparator compares the output of the error amp with the ramp wave. When the voltage at the output of the error amp is low, the
EXT/ pin will be LOW level (Switching ON time).
<Ramp Wave Generator>
The ramp wave generator, as the name suggests, generates the switching frequency's ramp wave.
<PWM / PFM Controller>
With the XC9302 series, control is automatically switched between PWM and PFM according to the size of the load.
<Vref with Soft Start, CE>
The start up of the Vref voltage at the error amp's input is gradual due to the internal capacitor and low current circuit. Because of this soft-start
function, the operations of the error amp's 2 inputs are balanced and the EXT/ pin's ON time can be manipulated to produce longer ON times.
Further, with the UVLO function, the signal will be such so as not to turn the MOS switch ON until any instability in the internal circuit stabilizes
during soft-start time. Even in cases where input voltage is so low as to produce instability in the IC, the UVLO function will operate and the
MOS switch will be turned OFF.
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 602


Similar Part No. - XC9301

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
More results

Similar Description - XC9301

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9301 TOREX-XC9301_1 Datasheet
706Kb / 13P
   PWM,PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
logo
Gamma Microelectronics ...
GM3326 GAMMA-GM3326 Datasheet
222Kb / 7P
   PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
TC115 MICROCHIP-TC115 Datasheet
355Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
2003
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com