Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2400DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2400DBVR
Description  OVERVOLTAGE PROTECTION CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2400DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2400DBVR Datasheet HTML 7Page - Texas Instruments TPS2400DBVR Datasheet HTML 8Page - Texas Instruments TPS2400DBVR Datasheet HTML 9Page - Texas Instruments TPS2400DBVR Datasheet HTML 10Page - Texas Instruments TPS2400DBVR Datasheet HTML 11Page - Texas Instruments TPS2400DBVR Datasheet HTML 12Page - Texas Instruments TPS2400DBVR Datasheet HTML 13Page - Texas Instruments TPS2400DBVR Datasheet HTML 14Page - Texas Instruments TPS2400DBVR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPS2400
SLUS599 − JUNE 2004
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 14
GATE SINKING CURRENT
vs
JUNCTION TEMPERATURE
−50
400
300
0
50
100
150
350
600
500
550
450
VGATE= 15V
TJ − Junction Temperature − °C
Figure 15
2
0
45
6
8
2
8
4
12
10
16
20
18
6
14
37
GATE OUTPUT VOLTAGE
vs
INPUT SUPPLY VOLTAGE
VVIN − Input Supply Voltage − V
−40
°C ≤ TJ ≤ 125°C
Figure 16
TURN-OFF TIME to VGATE = 6.9 V
vs
JUNCTION TEMPERATURE
−50
200
0
0
50
100
150
100
600
400
500
300
TJ − Junction Temperature − °C
CLOAD = 1 nF
VIN
Step 6 V to 8 V
VIN
Step 5 V to 8 V
VIN
Step 3.3 V to 8 V
0
−50
0
50
100
150
200
100
700
500
600
300
400
Figure 17
TURN-OFF TIME to VGATE = 6.9 V
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
CLOAD = 10 nF
VIN
Step 6 V to 8 V
VIN
Step 5 V to 8 V
VIN
Step 3.3 V to 8 V


Similar Part No. - TPS2400DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2400DBVR TI1-TPS2400DBVR Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
TPS2400DBVRG4 TI1-TPS2400DBVRG4 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
More results

Similar Description - TPS2400DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com