Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM10-SP10S-L-D Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM10-SP10S-L-D
Description  One-Touch Locking Style Small Sized Circular Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10-SP10S-L-D Datasheet(HTML) 1 Page - DDK Ltd.

  CM10-SP10S-L-D Datasheet HTML 1Page - DDK Ltd. CM10-SP10S-L-D Datasheet HTML 2Page - DDK Ltd. CM10-SP10S-L-D Datasheet HTML 3Page - DDK Ltd. CM10-SP10S-L-D Datasheet HTML 4Page - DDK Ltd. CM10-SP10S-L-D Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
CM10 series with “-D” has black trivalent chromium
treatment and is a connector which is in compliance
with RoHS directive. D type is a small sized waterproof
circular connector with push on and turnoff unlocking
mechanism.
The plug will be easily locked with the receptacle when
you push on. Rotating the coupling ring, the plug
will be unlocked when you need to unmate.
The plug can not be unmated from the receptacle by
such an unexpected force like the cable being pulled.
CM10 with “-D” has a solid construction with the metal shell. The weight of the connector is lighter with the light
metal backshell and the resin clamp nut than the CM10 series connectors which we had released earlier. CM10
series with “-D” can be used with a wide range of applications since it is small size and waterproof connector.
1. Solid structure with a metal shell
2. One touch and reliable locking mechanism of push on and turnoff
3. With a grounding contact (Position 10)
4. Angle plug available for low-profile mounting
5. Finish : Black trivalent chromium treatment (RoHS compliant finish)
CM10 Series with-D Type
One-Touch Locking Style
Small Sized Circular Connectors
Item
2 Contacts
10 Contacts
Rated Current
3A Max. / Contact
Rated Voltage
200V AC(r.m.s.) Max
Dielectric Withstanding Voltage 1,500V AC(r.m.s.) / 1 minute
900V AC(r.m.s.) / 1 minute
Insulation Resistance
1,000M Ω Min. at 500V DC
Operating Temperature Range
-25℃ to +85℃
Conductor Size
# 22
Protection Rate
IP67 when mated (Receptacle : Individually waterproof)
Applicable Wire
Receptacle
・Soldering only, 20AWG max.
Plug
・Crimp:16AWG-20AWG
・Soldering Use,:16AWG Max.
Receptacle
・Soldering Use,:20AWG Max
Plug
・Crimp:20AWG-28AWG
・Soldering Use,:20AWG Max.
Item
Receptacle
Pin Front Insulator
Synthetic Rubber/Black
Pin Rear Insulator
Plastic(UL94V-0)/Black
Pin Contact
Copper Alloy/Gold Plating
O Ring(Mounting Side) Synthetic Rubber/Black
Receptacle Shell
Zinc Alloy/Trivalent Chromium Finish(Black)
Retaining Ring
Copper Alloy/Nickel Plating
Ground Lug
Copper Alloy/Gold Plating
RoHS
Compliant
RoHS
Compliant
Item
Plug
Socket Cover Insulator Plastic(UL94V-0)/Black
Socket Insulator
Plastic(UL94V-0)/Black
Fixed Pin
Copper Alloy/Nickel Plating
Socket Contact
Copper Alloy/Gold Plating
Coupling Ring
Zinc Alloy/Trivalent Chromium Finish(Black)
O Ring(Mating Side)
Synthetic Rubber/Black
Plug Shell
Zinc Alloy/Trivalent Chromium Finish(Black)
Spring
Stainless Steel
Backshell
Aluminum Alloy/Trivalent Chromium Finish(Black)
Bushing
Synthetic Rubber/Black
Cable Clamp
Plastic(UL94V-0)/White
Clamp Nut
Plastic(UL94V-0)/Black
Retaining Ring
Stainless Steel
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIAL/FINISH
Lock Type
Push-On
Waterproof
IP 67
170224


Similar Part No. - CM10-SP10S-L-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM10-SP10S-L DDK-CM10-SP10S-L Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-L(D6) DDK-CM10-SP10S-L(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
More results

Similar Description - CM10-SP10S-L-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
   One-touch / Screw Mating Compatible Circular Waterproof Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com