Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM10-SP10S-S-D Datasheet(PDF) 4 Page - DDK Ltd.

Part # CM10-SP10S-S-D
Description  One-Touch Locking Style Small Sized Circular Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM10-SP10S-S-D Datasheet(HTML) 4 Page - DDK Ltd.

  CM10-SP10S-S-D Datasheet HTML 1Page - DDK Ltd. CM10-SP10S-S-D Datasheet HTML 2Page - DDK Ltd. CM10-SP10S-S-D Datasheet HTML 3Page - DDK Ltd. CM10-SP10S-S-D Datasheet HTML 4Page - DDK Ltd. CM10-SP10S-S-D Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Unit:mm
CM10 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
○Receptacle
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Individually waterproof
・Pin contact style only
・Soldering termination only
・Conductor Size : 20 AWG Max.
・Individually waterproof
Contact No.10 grounded to shell with ground lug
10 Pins
2 Pins
P/N
CM10-R10P-D(D7)
P/N
CM10-R2P-D(D7)
□17.26
□23.4
4-φ3.2
1.7
8.4
(7.9)
5.2
(13.6)
3min.
1
0
-0.1
4-M3
DDK
7
10
8
4
1
3
3
1
4
8
10
7
メインキー位置マーク
□17.26±0.1
Main key positon mark
Mounting Dimensions
□17.26
□23.4
4-φ3.2
1.7
8.4
(7.9)
5.2
(13.6)
DDK
メインキー位置マーク
CM10-R2P(D3)-01
(カタログ用図面)
御参考図
2
1
1
2
3min.
1 0-0.1
4-M3
取付け穴寸法
(参考)
□17.26±0.1
Main key positon mark
Mounting Dimensions


Similar Part No. - CM10-SP10S-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM10-SP10S-S DDK-CM10-SP10S-S Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
More results

Similar Description - CM10-SP10S-S-D

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
FSE DDK-FSE Datasheet
121Kb / 3P
   Locking-with-one-touch system
logo
Panasonic Semiconductor
EVQ-PUJ02K PANASONIC-EVQ-PUJ02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
logo
Japan Aviation Electron...
JL10 JAE-JL10 Datasheet
1Mb / 15P
   One-touch / Screw Mating Compatible Circular Waterproof Connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com