Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ANT5320LL07R1524A Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ANT5320LL07R1524A
Description  WIRELESS COMPONENTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ANT5320LL07R1524A Datasheet(HTML) 3 Page - YAGEO Corporation

  ANT5320LL07R1524A Datasheet HTML 1Page - YAGEO Corporation ANT5320LL07R1524A Datasheet HTML 2Page - YAGEO Corporation ANT5320LL07R1524A Datasheet HTML 3Page - YAGEO Corporation ANT5320LL07R1524A Datasheet HTML 4Page - YAGEO Corporation ANT5320LL07R1524A Datasheet HTML 5Page - YAGEO Corporation ANT5320LL07R1524A Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.yageo.com
Apr. 26, 2013 V0
WIRELESS COMPONENTS
3
6
Product specification
Ceramic Chip Antenna
SPECIFICATION
DESCRIPTION
VALUE
Centre Frequency
1.575 GHz / 2.45 GHz
Bandwidth
20 MHz (Typ.) / 84 MHz (Typ.)
Return Loss
10 dB min
Polarization
Linear
Azimuth Beamwidth
Omni-directional
Peak Gain
2.47 dBi / 2.04 dBi
Impedance
50 Ω
Operating Temperature
- 40~105
Maximum Power
1 W
Termination
Ni / Sn (Environmentally-Friendly Leadless)
Resistance to Soldering Heats
260
℃ , 10sec.
NOTE
1. The specification is defined on Yageo evaluation board
Table 1
O
OU
UT
TL
LIIN
NE
ES
S
Fig. 1 Antenna outlines
DIMENSIONS
DIMENSION
L (mm)
5.3±0.15
W (mm)
2.0 ±0.15
T (mm)
1.2 ±0.10
Table 2 Machinical Dimension
W
T
L


Similar Part No. - ANT5320LL07R1524A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT5320LL04R2455A YAGEO-ANT5320LL04R2455A Datasheet
579Kb / 7P
   Ceramic Chip Antenna
More results

Similar Description - ANT5320LL07R1524A

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANTX200P001B15163 YAGEO-ANTX200P001B15163 Datasheet
466Kb / 7P
   WIRELESS COMPONENTS
ANTX100P001B50003 YAGEO-ANTX100P001B50003 Datasheet
454Kb / 7P
   WIRELESS COMPONENTS
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A_17 Datasheet
458Kb / 5P
   WIRELESS COMPONENTS
ANT8868LL00R1880A YAGEO-ANT8868LL00R1880A Datasheet
524Kb / 6P
   WIRELESS COMPONENTS
ANT1204F002R0315A YAGEO-ANT1204F002R0315A Datasheet
407Kb / 6P
   WIRELESS COMPONENTS
ANT1212B00DT1575S YAGEO-ANT1212B00DT1575S Datasheet
579Kb / 6P
   WIRELESS COMPONENTS
ANT3216LL15R1575A YAGEO-ANT3216LL15R1575A_17 Datasheet
478Kb / 6P
   WIRELESS COMPONENTS
ANT5010LL04R2400A YAGEO-ANT5010LL04R2400A Datasheet
492Kb / 6P
   WIRELESS COMPONENTS
ANTX100F113B24003 YAGEO-ANTX100F113B24003 Datasheet
511Kb / 6P
   WIRELESS COMPONENTS
ANT1515JB27B1575A YAGEO-ANT1515JB27B1575A Datasheet
365Kb / 5P
   WIRELESS COMPONENTS
ANT1204LL20R0433A YAGEO-ANT1204LL20R0433A Datasheet
813Kb / 6P
   WIRELESS COMPONENTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com