Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42C Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 42C
Description  TO-220-3L Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

42C Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  42C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 42C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 42C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-100
0
4
8
12
16
20
-0.1
-1
-10
-100
-1000
-0
-200
-400
-600
-800
-1000
-1200
0
25
50
75
100
125
150
0
1
2
3
-1
-10
-100
-1000
-10
-100
-1000
-1
-10
-100
-1000
10
100
1000
-0.1
-1
-10
10
100
1000
10000
-0
-200
-400
-600
-800
-1000
-1200
-0.1
-1
-10
-100
-1000
-0
-1
-2
-3
-4
-5
-6
-0
-50
-100
-150
-200
-250
-300
-350
-400
-600
-20
-6000
I
C
f
T
——
COMMON EMITTER
V
CE=-10V
T
a=25
COLLECTOR CURRENT
I
C
(mA)
-6000
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a=100
T
a=25
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
-3000
-6000
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT
I
C
(mA)
-0.5
TIP42C
Typical Characteristics
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE= -4V
-30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
——
V
BE
COMMON EMITTER
V
CE=-4V
Static Characteristic
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
-4mA
-3.6mA
-3.2mA
-2.8mA
-2.4mA
-2mA
-0.8mA
-1.2mA
-1.6mA
I
B=-0.4mA
www.cj-elec.com
2
C,Nov,2014
Typical Characteristics


Similar Part No. - 42C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
42CTQ030 IRF-42CTQ030 Datasheet
126Kb / 7P
   SCHOTTKY RECTIFIER
42CTQ030 IRF-42CTQ030 Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER 40 Amp
logo
Vishay Siliconix
42CTQ030 VISHAY-42CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
logo
Sangdest Microelectroni...
42CTQ030 SMC-42CTQ030 Datasheet
215Kb / 6P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
42CTQ030 ISC-42CTQ030 Datasheet
286Kb / 2P
   Schottky Rectifier
More results

Similar Description - 42C

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TIP127 DGNJDZ-TIP127 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB507 JIANGSU-2SB507 Datasheet
361Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SB861 JIANGSU-2SB861 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 JIANGSU-2SB1185 Datasheet
549Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
2SA1012 JIANGSU-2SA1012 Datasheet
3Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD2137 JIANGSU-2SD2137 Datasheet
624Kb / 2P
   TO-220 -3L Plastic-Encapsulate Transistors
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2073 DGNJDZ-2SC2073 Datasheet
1,013Kb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
2SD1762 DGNJDZ-2SD1762 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
2SB1185 DGNJDZ-2SB1185 Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com