Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD440 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # BD440
Description  TO-126 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BD440 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BD440 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD440 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD440 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BD440 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cj-elec.com
2
E,Aug,2017
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
U
nit
Collector-base breakdown voltage
V(BR)CBO
IC=
-100μA,IE=0
BD440
BD442
-60
-80
V
Collector-emitter breakdown voltage
VCEO(SUS)
(1)
IC=
-100mA,IB= 0
-60
-80
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
VCB=
-80V,IE=0
-100
μA
Emitter cut-off current
IEBO
VEB=-5V,IE=0
-1
mA
hFE(1)
(1)
VCE=-1V,IC=-500mA
40
475
hFE(2)
(1)
VCE=
-5V,IC= - 10m A
20
15
DC current gain
hFE(3)
(1)
VCE=
-1V,IC= - 2A
25
15
Collector-emitter saturation voltage
VCE(sat)
(1)
IC=-3A,IB=-0.3A
-0.8
V
Base-emitter voltage
VBE
(1)
VCE=-1V,IC=-2A
-1.5
V
Transition frequency
fT
VCE=-1V, IC=-250mA
3
MHz
(1)Pulse test
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
BD440
BD442
BD440
BD442
BD440
BD442
BD440
BD442


Similar Part No. - BD440

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD440 MOTOROLA-BD440 Datasheet
111Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
Central Semiconductor C...
BD440 CENTRAL-BD440 Datasheet
519Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
BD440 ONSEMI-BD440 Datasheet
111Kb / 4P
   POWER TRANSISTORS PNP SILICON
1995 REV 7
logo
Comset Semiconductor
BD440 COMSET-BD440 Datasheet
73Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
STMicroelectronics
BD440 STMICROELECTRONICS-BD440 Datasheet
69Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - BD440

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
   TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
   TO-126 Plastic-Encapsulate Transistors
BD439 DGNJDZ-BD439 Datasheet
2Mb / 5P
   TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com