Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WKM Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-WKM
Description  M-TYPE CW LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WKM Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-WKM Datasheet HTML 1Page - IC-Haus GmbH IC-WKM Datasheet HTML 2Page - IC-Haus GmbH IC-WKM Datasheet HTML 3Page - IC-Haus GmbH IC-WKM Datasheet HTML 4Page - IC-Haus GmbH IC-WKM Datasheet HTML 5Page - IC-Haus GmbH IC-WKM Datasheet HTML 6Page - IC-Haus GmbH IC-WKM Datasheet HTML 7Page - IC-Haus GmbH IC-WKM Datasheet HTML 8Page - IC-Haus GmbH IC-WKM Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
iC-WKM
M-TYPE CW LASER DIODE DRIVER
Rev C2, Page 3/12
PACKAGING INFORMATION SO8-TP, DFN10 4 mm x 4 mm to JEDEC standard
PIN CONFIGURATION SO8-TP
1
2
3
4
5
6
7
8
<A-CODE>
<P-CODE>
<P-CODE>
PIN FUNCTIONS
No. Name Function
1 CI
Capacitor for Power Control
2 GND
Ground
3 AGND Reference Ground for CI, RM
4 MDK
Monitor Input 2
(MD Cathode, modulation)
5 MDA
APC Setup, Monitor Input 1
(MD Anode)
6 VCCA Driver Supply
7 VCC
+3.6 to 15 V Supply Voltage
8 LDA
Driver Output (LD Anode)
The Thermal Pad is to be connected to a Ground Plane on the PCB. Do not short-circuit pins AGND and GND, for
this may deteriorate the precision of the regulator and interfere with the soft-start!
PIN CONFIGURATION DFN10 4 mm x 4 mm
6
7
8
9
10
2
5
4
3
1
<D-CODE>
<A-CODE>
<P-CODE>
PIN FUNCTIONS
No. Name Function
1 CI
Capacitor for Power Control
2 GND
Ground
3 AGND Reference Ground for CI, RM
4 MDK
Monitor Input 2
(MD Cathode, modulation)
5 n.c.
6 MDA
APC Setup, Monitor Input 1
(MD Anode)
7 VCCA Driver Supply
8 VCC
+3.6 to 15 V Supply Voltage
9 LDA
Driver Output (LD Anode)
10 n.c.
The Thermal Pad is to be connected to a Ground Plane on the PCB. Do not short-circuit pins AGND and GND, for
this may deteriorate the precision of the regulator and interfere with the soft-start!


Similar Part No. - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKMDFN10 ETC2-IC-WKMDFN10 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMEVALWKM1D ETC2-IC-WKMEVALWKM1D Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKMSO8 ETC2-IC-WKMSO8 Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results

Similar Description - IC-WKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com